Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ1 Datasheet(PDF) 7 Page - Analog Devices

Part # OP293FSZ1
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ1 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP293FSZ1 Datasheet HTML 3Page - Analog Devices OP293FSZ1 Datasheet HTML 4Page - Analog Devices OP293FSZ1 Datasheet HTML 5Page - Analog Devices OP293FSZ1 Datasheet HTML 6Page - Analog Devices OP293FSZ1 Datasheet HTML 7Page - Analog Devices OP293FSZ1 Datasheet HTML 8Page - Analog Devices OP293FSZ1 Datasheet HTML 9Page - Analog Devices OP293FSZ1 Datasheet HTML 10Page - Analog Devices OP293FSZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
OP193/OP293
Rev. C | Page 7 of 20
VS = 2.0 V, VCM = 0.1 V, TA = 25°C, unless otherwise noted.
Table 4.
E Grade
F Grade
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP193
150
μV
OP193, −40°C ≤ TA ≤ +125°C
250
μV
OP293
100
250
μV
OP293, −40°C ≤ TA ≤ +125°C
175
350
μV
Input Bias Current
IB
−40°C ≤ TA ≤ +125°C
15
20
nA
Input Offset Current
IOS
−40°C ≤ TA ≤ +125°C
2
4
nA
Input Voltage Range
VCM
0
1
0
1
V
Large Signal Voltage Gain
AVO
RL = 100 kΩ,
0.03 V ≤ VOUT ≤ 1 V
60
60
V/mV
−40°C ≤ TA ≤ +125°C
70
70
V/mV
Long-Term Offset Voltage
VOS
150
300
μV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 1.7 V to 6 V
100
97
dB
−40°C ≤ TA ≤ +125°C
94
90
dB
Supply Current/Amplifier
ISY
VCM = 1.0 V, RL = ∞
13.2
20
13.2
20
μA
−40°C ≤ TA ≤ +125°C
25
25
μA
Supply Voltage Range
VS
+2
±18
+2
±18
V
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
65
65
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
0.05
pA/√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
3
3
μV p-p
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
10
25
V/ms
Gain Bandwidth Product
GBP
25
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com