Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293FSZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # OP293FSZ1
Description  Precision, Micropower Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293FSZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP293FSZ1 Datasheet HTML 5Page - Analog Devices OP293FSZ1 Datasheet HTML 6Page - Analog Devices OP293FSZ1 Datasheet HTML 7Page - Analog Devices OP293FSZ1 Datasheet HTML 8Page - Analog Devices OP293FSZ1 Datasheet HTML 9Page - Analog Devices OP293FSZ1 Datasheet HTML 10Page - Analog Devices OP293FSZ1 Datasheet HTML 11Page - Analog Devices OP293FSZ1 Datasheet HTML 12Page - Analog Devices OP293FSZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
OP193/OP293
Rev. C | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
200
160
120
80
40
0
75
60
30
15
0
–15
–30
–45
–60
–75
45
OFFSET (µV)
VS = ±15V
TA = 25°C
Figure 3. Offset Distribution, VS = ±15 V
200
160
120
80
40
0
75
60
30
15
0
–15
–30
–45
–60
–75
45
OFFSET (µV)
VS = 3V
VCM = 0.1V
TA = 25°C
Figure 4. Offset Distribution, VS = +3 V
150
120
90
60
30
0
1.0
0.6
0.4
0.2
0
0.8
TCVOS (µV/°C)
VS = 3V
VCM = 0.1V
–40°C
≤ TA ≤ +125°C
Figure 5. TCVOS Distribution, VS = +3 V
150
120
90
60
30
0
1.0
0.6
0.4
0.2
0
0.8
TCVOS (µV/°C)
VS = ±15V
–40°C
≤ TA ≤ +125°C
Figure 6. TCVOS Distribution, VS = ±15 V
1
–4
5
0
COMMON-MODE VOLTAGE (V)
0
–1
–2
–3
1
2
3
4
VS = 5V
–40°C
+125°C
+25°C
Figure 7. Input Bias Current vs. Common-Mode Voltage
120
0
10k
10
FREQUENCY (Hz)
100
80
60
40
20
100
1k
–PSRR
+PSRR
5V
≤ VS ≤ 30V
TA = 25°C
Figure 8. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com