Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 42Page - Advanced Micro Devices AM79C940 Datasheet HTML 43Page - Advanced Micro Devices AM79C940 Datasheet HTML 44Page - Advanced Micro Devices AM79C940 Datasheet HTML 45Page - Advanced Micro Devices AM79C940 Datasheet HTML 46Page - Advanced Micro Devices AM79C940 Datasheet HTML 47Page - Advanced Micro Devices AM79C940 Datasheet HTML 48Page - Advanced Micro Devices AM79C940 Datasheet HTML 49Page - Advanced Micro Devices AM79C940 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 122 page
background image
AMD
46
Am79C940
Other Data Registers
s
BYPASS REG (1 bit)
s
Device Identification Register (32 bits)
Bits 31–28: Version (4 bits)
Bits 27–12: Part number (16 bits) is 9400H
Bits 11–1:
Manufacturer ID (11 bits).
The manufacturer ID code for AMD is
00000000001 in accordance with
JEDEC Publication 106-A.
Bit 0:
Always a logic 1
SLAVE ACCESS OPERATION
Internal register accesses are based on a 2 or 3 SCLK
cycle duration, dependent on the state of the
TC input
pin.
TC must be externally pulled low to force the MACE
device to perform a 3-cycle access.
TC is internally
pulled high if left unconnected, to configure the 2-cycle
access by default.
All register accesses are byte wide with the exception of
the data path to and from the internal FIFOs.
Data exchanges to/from register locations will take
place over the appropriate half of the data bus to suit the
host memory organization (as programmed by the
BSWP bit in the BIU Configuration Control register).
The
BE0, BE1 and EOF signals are provided to allow
control of the data flow to and from the FIFOs. Byte read
operations from the Receive FIFO cause data to be du-
plicated on both the upper and lower bytes of the data
bus. Byte write operations to the Transmit FIFO must
use the
BE0 and BE1 inputs to define the active data
byte to the MACE device.
Read Access
Details of the read access timing are located in the AC
Waveforms section, Host System Interface, figures:
Two-Cycle Receive FIFO/Register Read Timing and
Three-Cycle Receive FIFO/Register Read Timing.
TC can be dynamically changed on a cycle by cycle ba-
sis to program the slave cycle execution for two (
TC =
HIGH) or three (
TC = LOW) SCLK cycles. TC must be
stable by the falling edge of SCLK (EDSEL = High) in S0
at the start of a cycle, and should only be changed in S0
in a multiple cycle burst.
A read cycle is initiated when either
CS or FDS is sam-
pled low on the falling edge of SCLK at S0.
FDS and CS
must be asserted exclusively. If they are active simulta-
neously when sampled, the MACE device will not exe-
cute any read or write cycle.
If
CS is low, a Register Address read will take place. The
state of the ADD4–0 will be used to commence decod-
ing of the appropriate internal register/FIFO.
If
FDS is low, a FIFO Direct read will take place from the
RCVFIFO. The state of the ADD4–0 bus is irrelevant for
the FIFO Direct mode.
With either the
CS or FDS input active, the state of the
ADD0-4 (for Register Address reads), R/
W (high to indi-
cate a read cycle),
BE0 and BE1 will also be latched on
the falling (EDSEL = HIGH) edge of SCLK at S0.
From the falling edge of SCLK in S1 (EDSEL = HIGH),
the MACE device will drive data on DBUS15–0 and acti-
vate the
DTV output (providing the read cycle completed
successfully). If the cycle read the last byte/word of data
for a specific frame from the RCVFIFO, the MACE de-
vice will also assert the
EOF signal. DBUS15–0, DTV
and
EOF will be guaranteed valid and can be sampled
on the falling (EDSEL = HIGH) edge of SCLK at S2.
If the Register Address mode is being used to access
the RCVFIFO, once
EOF is asserted during the last
byte/word read for the frame, the Receive Frame Status
can be read in one of two ways. The Register Address
mode can be continued, by placing the appropriate ad-
dress (00110b) on the address bus and executing four
read cycles (
CS active) on the Receive Frame Status lo-
cation. In this case, additional Register Address read re-
quests from the RCVFIFO will be ignored, and no
DTV
returned, until all four bytes of the Receive Frame Status
register have been read. Alternatively, a FIFO Direct
read can be performed, which will effectively route the
Receive Frame Status through the RCVFIFO location.
This mechanism is explained in more detail below.
If the FIFO Direct mode is used, the Receive Frame
Status can be read directly from the RCVFIFO by con-
tinuing to execute read cycles (by asserting
FDS low
and R/
W high) after EOF is asserted indicating the last
byte/word read for the frame. Each of the four bytes of
Receive Frame Status will appear on both halves of the
data bus, as if the actual Receive Frame Status register
were being accessed. Alternatively, the status can be
read as normal using the Register Address mode by
placing the appropriate address (00110b) on the ad-
dress bus and executing four read cycles (
CS active).
Either the FIFO Direct or Register Address modes can
be interleaved at any time to read the Receive Frame
Status, although this is considered unlikely due to the
additional overhead it requires. In either case, no addi-
tional data will be read from the RCVFIFO until the Re-
ceive Frame Status has been read, as four bytes
appended to the end of the packet when using the FIFO
Direct mode, or as four bytes from the Receive Frame
Status location when using the Register Address mode.
EOF will only be driven by the MACE device when read-
ing received packet data from the RCVFIFO. At all other
times, including reading the Receive Frame Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com