Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 61Page - Advanced Micro Devices AM79C940 Datasheet HTML 62Page - Advanced Micro Devices AM79C940 Datasheet HTML 63Page - Advanced Micro Devices AM79C940 Datasheet HTML 64Page - Advanced Micro Devices AM79C940 Datasheet HTML 65Page - Advanced Micro Devices AM79C940 Datasheet HTML 66Page - Advanced Micro Devices AM79C940 Datasheet HTML 67Page - Advanced Micro Devices AM79C940 Datasheet HTML 68Page - Advanced Micro Devices AM79C940 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 122 page
background image
AMD
65
Am79C940
threshold is reached. When us-
ing the burst mode,
TDTREQ will
not be de-asserted until only a
single write cycle can be per-
formed. See the FIFO Sub-sys-
tem section for additional details.
Bit 5-4
RCVFW
Receive
FIFO
Watermark.
[1–0]
RCVFW
controls
the
point
RDTREQ is asserted in relation
to the number of bytes available
in the RCVFIFO. RCVFW speci-
fies the number of bytes which
must be present (once the packet
has been verified as a non-runt),
before the
RDTREQ is asserted.
Note however that in order for
RDTREQ to be activated for a
new frame, at least 64-bytes
must have been received. This
effectively avoids reacting to re-
ceive frames which are runts or
suffer a collision during the slot
time (512 bit times). If the Runt
Packet Accept feature (RPA in
Receive Frame Control) is en-
abled, the
RDTREQ pin will be
activated as soon as either
64-bytes are received, or a com-
plete valid receive frame is de-
tected (regardless of length).
RCVFW is set to a value of 10 (64
bytes) after hardware or software
reset.
Receive FIFO Watermarks
RCVFW [1–0]
Bytes
00
16
01
32
10
64
11
XX
The RCVFW value will only be
updated when the RCVFWU bit
is set.
Bit 3
XMTFWU
Transmit FIFO Watermark Up-
date. Allows update of the Trans-
mit FIFO Watermark bits. The
XMTFW can be written at any
point, and will be read back as
written. However, the new value
in the XMTFW bits will be ignored
until XMTFWU is set (or the
transmit path is reset due to a
retry failure). The recommended
procedure to change the XMTFW
is to write the new value with
XMTFWU set, in a single write
cycle. The XMTFIFO should be
empty and all transmit activity
complete before attempting a
watermark update, since the
XMTFIFO will be reset to allow
the new pointer values to be
loaded. It is recommended that
the transmitter be disabled by
clearing
the
ENXMT
bit.
XMTFWU will be cleared by the
MACE device after the new
XMTFW value has been loaded,
or by activation of the
RESET pin
or SWRST bit.
Bit 2
RCVFWU
Receive FIFO Watermark Up-
date. Allows update of the Re-
ceive FIFO Watermark bits. The
RCVFW bits can be written at
any point, and will read back as
written. However, the new value
in the RCVFW bits will be ignored
until RCVFWU is set. The recom-
mended procedure to change the
RCVFW is to write the new value
with RCVFWU set, in a single
write
cycle.
The
RCVFIFO
should be empty before attempt-
ing a watermark update, since
the RCVFIFO will be reset to al-
low the new pointer values to be
loaded. It is recommended that
the receiver be disabled by clear-
ing the ENRCV bit. RCVFWU will
be cleared by the MACE device
after the new RCVFW value has
been loaded, or by activation of
the
RESET pin or SWRST bit.
Bit 1
XMTBRST
Transmit Burst. When set, the
transmit burst mode is selected.
The behavior of the Transmit
FIFO high watermark, and hence
the de-assertion of
TDTREQ, will
be modified.
TDTREQ will be
deasserted if there are only two
bytes of space available in the
XMTFIFO (so that a full word
write can still occur) or if four
bytes of space exist and the
EOF
pin is asserted by the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com