Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 60Page - Advanced Micro Devices AM79C940 Datasheet HTML 61Page - Advanced Micro Devices AM79C940 Datasheet HTML 62Page - Advanced Micro Devices AM79C940 Datasheet HTML 63Page - Advanced Micro Devices AM79C940 Datasheet HTML 64Page - Advanced Micro Devices AM79C940 Datasheet HTML 65Page - Advanced Micro Devices AM79C940 Datasheet HTML 66Page - Advanced Micro Devices AM79C940 Datasheet HTML 67Page - Advanced Micro Devices AM79C940 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
AMD
64
Am79C940
Bit 5
RDTREQ
Receive Data Transfer Request.
An internal indication of the
current request status of the Re-
ceive FIFO. RDTREQ is set
when the external
RDTREQ sig-
nal is asserted.
Bit 4–0 RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
BIU Configuration Control (BIUCC) (REG ADDR 11)
All bits within the BIU Configuration Control register will
be set to their default state upon a hardware or software
reset. Bit assignments are as follows:
RES
RES
RES
RES
BSWP XMTSP [1–0]
SWRST
Bit
Name
Description
Bit 7
RES
Reserved. Read as zero. Always
write as zero.
Bit 6
BSWP
Byte Swap. The BSWP function
allows data to and from the
FIFOs to be orientated according
to little endian or big endian byte
ordering conventions. BSWP is
cleared by by activation of the
RESET pin or SWRST bit, de-
faulting to Intel byte ordering.
Bit 5-4
XMTSP
Transmit Start Point. XMTSP
[1–0]
controls
the
point
preamble
transmission commences in rela-
tion to the number of bytes writ-
ten to the XMTFIFO. When the
entire frame is in the XMTFIFO
(or the XMTFIFO becomes full
before
the
threshold
is
achieved), transmission of pre-
amble will start regardless of the
value in XMTSP (once the IPG
time has expired). XMTSP is
given a value of 10 (64 bytes) af-
ter hardware or software reset.
Regardless of XMTSP, the FIFO
will not internally over write its
data until at least 64 bytes, or the
entire frame, has been transmit-
ted onto the network. This en-
sures that for collisions within the
slot time window, transmit data
need not be re-written to the
XMTFIFO, and re-tries will be
handled autonomously by the
MACE device.
Transmit Start Point
XMTSP [1–0]
Bytes
00
4
01
16
10
64
11
112
Bit 3-1
RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
Bit 0
SWRST
Software Reset. When set, pro-
vides an equivalent of the hard-
ware
RESET pin function. All
register bits will be set to their de-
fault values. The MACE device
will require re-initialization after
SWRST has been activated. The
MACE device will clear SWRST
during its internal reset se-
quence.
FIFO Configuration Control
(REG ADDR 12)
(FIFOCC)
All bits within the FIFO Configuration Control register
will be set to their default state upon a hardware or soft-
ware reset. Bit assignments are as follows:
XMTFW[1–0] RCVFW [1–0] XMTFWU RCVFWU XMTBRST RCVBRST
Bit
Name
Description
Bit 7-6
XMTFW
Transmit
FIFO
Watermark.
[1–0]
XMTFW
controls
the
point
TDTREQ is asserted in relation
to the number of write cycles to
the Transmit FIFO.
TDTREQ will
be asserted at any time that the
number of write cycles specified
by XMTFW can be executed.
XMTFW is set to a value of 00 (8
cycles) after hardware or soft-
ware reset.
Transmit FIFO Watermarks
XMTFW [1–0]
Write Cycles
00
8
01
16
10
32
11
XX
The XMTFW value will only be
updated when the XMTFWU bit
is set.
To ensure that sufficient space is
present in the XMTFIFO to ac-
cept the specified number of
write cycles (including an End-
Of-Frame delimiter),
TDTREQ
may go inactive before the
XMTSP threshold is reached
when using the non burst mode
(XMTBRST = 0). The host must
be aware that despite
TDTREQ
going inactive, additional space
exists in the XMTFIFO, and the
data write must continue to en-
sure the XMTSP threshold is
achieved. No transmit activity will
commence until the XMTSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com