Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 55Page - Advanced Micro Devices AM79C940 Datasheet HTML 56Page - Advanced Micro Devices AM79C940 Datasheet HTML 57Page - Advanced Micro Devices AM79C940 Datasheet HTML 58Page - Advanced Micro Devices AM79C940 Datasheet HTML 59Page - Advanced Micro Devices AM79C940 Datasheet HTML 60Page - Advanced Micro Devices AM79C940 Datasheet HTML 61Page - Advanced Micro Devices AM79C940 Datasheet HTML 62Page - Advanced Micro Devices AM79C940 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
AMD
59
Am79C940
Transmit Retry Count (XMTRC)
(REG ADDR 4)
The Transmit Retry Count should be read only in re-
sponse to a hardware interrupt request (
INTR asserted)
when XMTINT is set in the Interrupt Register, or after
XMTSV is set in the Poll Register.The register should be
read before the Transmit Frame Status register. Read-
ing the Transmit Frame Status with XMTSV set will
cause the XMTRC value to be reset. This register is
read only.
EXDEF
RES
RES
XMTRC[3–0]
RES
Bit
Name
Description
Bit 3-0
EXDEF
Excessive Defer. The EXDEF bit
will be set if a transmit frame
waited for an excessive period
for transmission. An excessive
defer time is defined in accor-
dance with the following (from
page 34, section 5.2.4.1 of IEEE
Std 802.3h–1990 Layer Manage-
ment):maxDeferTime = {2 x (max
frame size x 8)} bits where
maxFrameSize = 1518 bytes
(from page 68, section 4.4.2.1 of
ANSI/IEEE
Std
802.3–1990).
So, the maxDeferTime = 24288
bits = 214+ 212 + 211+ 210 + 29 +27
+26 +25
Bit 6–4 RES
Reserved. Read as zeroes. Al-
ways write as zeroes.
Bit 3–0 XMTRC
Transmit Retry Count. Contains
[3–0]
the count of the number of retry
attempts made by the MACE de-
vice to transmit the current trans-
mit packet. The value of the
counter will be zero if the first
transmission attempt was suc-
cessful, and a maximum of 15 if
all retry attempts were utilized.
RTRY will be set in Transmit
Frame Status if all 16 attempts
were unsuccessful.
Receive Frame Control (RCVFC)
(REG ADDR 5)
RES
RES
LLRCV
M/R
RES
ASTRPRCV
RES
RES
Bit
Name
Description
Bit 7–4 RES
Reserved. Read as zeroes. Al-
ways write as zeroes.
Bit 3
LLRCV
Low Latency Receive. A pro-
grammable option to allow ac-
cess to the Receive FIFO before
the 64-byte threshold has been
reached. When set, data can be
read from the RCVFIFO once a
low threshold (12-bytes after
SFD plus synchronization) has
been
exceeded,
causing
RDTREQ
to
be
asserted.
RDTREQ will remain asserted as
long as one read cycle can be
performed
on
the
RCVFIFO
(identical to the burst mode).
Indication of a valid read cycle
from the RCVFIFO will return
DTV asserted. Reading the
RCVFIFO before data is avail-
able, or while waiting for addi-
tional data once a packet is in
progress will not cause the
RCVFIFO to underflow, and will
be indicated by
DTV being inva-
lid. The MACE device will no
longer be able to reject runts in
this mode, this responsibility is
transferred to the host system. In
the case of a collided packet
(normal slot time collision or late
collision), the MACE device will
abort the reception, and return
the RCVFS. Note that all colli-
sions in this mode will appear as
late collisions and be reported by
the CLSN bit in the Receive
Status (RCVSTS) byte.
If the host does not keep up with
the incoming receive data, nor-
mal RCVFIFO overflow recovery
is provided.
Bit 2
M/
R
Match/Reject. The Match/Reject
option sets the criteria for the Ex-
ternal Address Detection Inter-
face. If set, the
EAM/R pin is
configured as External Address
Match, and is used to signal the
acceptance of a receive frame to
the MACE device. If cleared, the
pin functions as External Ad-
dress Reject and is used to flush
unwanted packets from the Re-
ceive FIFO prior to the first asser-
tion of
RDTREQ. M/R is cleared
by activation of the
RESET pin or
SWRST bit. When the EADI fea-
ture is disabled, the
EAM/R pin
must be tied active (low) and all
normal receive address recogni-
tion configurations are supported
(physical, logical and promiscu-
ous). See the section “External
Address Detection Interface” for
additional details.
Bit 1
RES
Reserved. Read as zero. Always
write as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com