Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 85Page - Advanced Micro Devices AM79C940 Datasheet HTML 86Page - Advanced Micro Devices AM79C940 Datasheet HTML 87Page - Advanced Micro Devices AM79C940 Datasheet HTML 88Page - Advanced Micro Devices AM79C940 Datasheet HTML 89Page - Advanced Micro Devices AM79C940 Datasheet HTML 90Page - Advanced Micro Devices AM79C940 Datasheet HTML 91Page - Advanced Micro Devices AM79C940 Datasheet HTML 92Page - Advanced Micro Devices AM79C940 Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 122 page
background image
AMD
89
Am79C940
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature
Under Bias
0
°C to +70°C
. . . . . . . . . . . . . . . . . . . . . .
Supply Voltage to AVSS
or DVss (AVDD, DVDD)
–0.3 V to +6.0 V
. . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to Absolute Maxi-
mum Ratings for extended periods may affect device reliabil-
ity. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to +70°C
. . . . . . . . . . . . . .
Supply Voltages
(AVDD, DVDD)5 V
±5%
. . . . . . . . . . . . . . . . . . . . .
All inputs within the range:
AVDD + 0.5 V
≤ Vin ≤
. .
AVSS – 0.5 V, or
. . . . . . . . . . . . . . . . . . . . . . . . . .
DVDD = 0.5 V
≤ Vin ≤
. . . . . . . . . . . . . . . . . . . . . .
DVSS – 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise
specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
VILX
XTAL1 Input LOW Voltage
VSS = 0.0 V
–0.5
0.8
V
(External Clock Signal)
VIHX
XTAL1 Input HIGH Voltage
VSS = 0.0 V
VDD –VDD +V
(External Clock Signal)
0.8
0.5
VOL
Output LOW Voltage
IOL = 3.2 mA
0.45
V
VOH
Output HIGH Voltage
IOH = –0.4 mA (Note 1)
2.4
V
IIL1
Input Leakage Current
VDD = 5 V, VIN = 0 V
–10
10
µA
(Note 2)
IIL2
Input Leakage Current
VDD = 5 V, VIN = 0 V
–200
200
µA
(Note 2)
IIH
Input Leakage Current
VDD = 5 V, VIN = 2.7 V
–100
µA
(Note 3)
IIAXD
Input Current at DI+
–1 V < VIN < AVDD + 0.5 V
–500
+500
µA
and DI–
IIAXC
Input current at
–1 V < VIN < AVDD + 0.5 V
–500
+500
µA
CI+ and CI–
IILXN
XTAL1 Input LOW Current
VIN = 0 V
during normal operation
SLEEP = HIGH
–92
µA
IIHXN
XTAL1 Input HIGH Current
VIN = 5.5 V
during normal operation
SLEEP = HIGH
92
µA
IILXS
XTAL1 Input LOW Current
VIN = 0 V
during Sleep
SLEEP = LOW
<10
µA
IIHXS
XTAL1 Input HIGH Current
VIN = 5.5 V
during Sleep
SLEEP = LOW
410
µA
IOZ
Output Leakage Current
0.4 V < VOUT < VDD
–10
10
µA
(Note 4)
VAOD
Differential Output Voltage
RL = 78
Ω
630
1200
mV
|(DO+)–(DO–)|
VAODOFF
Transmit Differential Output
RL = 78
Ω (Note 5)
–40
+40
mV
Idle Voltage
IAODOFF
Transmit Differential
RL = 78
Ω
–1
+1
mA
Output Idle Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com