Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 63Page - Advanced Micro Devices AM79C940 Datasheet HTML 64Page - Advanced Micro Devices AM79C940 Datasheet HTML 65Page - Advanced Micro Devices AM79C940 Datasheet HTML 66Page - Advanced Micro Devices AM79C940 Datasheet HTML 67Page - Advanced Micro Devices AM79C940 Datasheet HTML 68Page - Advanced Micro Devices AM79C940 Datasheet HTML 69Page - Advanced Micro Devices AM79C940 Datasheet HTML 70Page - Advanced Micro Devices AM79C940 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
AMD
67
Am79C940
assertion of
RDTREQ. If ENRCV
is cleared during receive activity
and remains cleared for a long
time and if the tail end of the re-
ceive frame currently in progress
is longer than the amount of
space available in the Receive
FIFO, Receive FIFO overflow will
occur.
However,
even
with
RDTREQ deasserted, if there is
valid data in the Receive FIFO to
be read, successful slave reads
to the Receive FIFO can be exe-
cuted (indicated by valid
DTV). It
is the host’s responsibility to
avoid
the
overflow
situation.
ENRCV is cleared by activation
of the
RESET pin or SWRST bit.
PLS Configuration
Control (PLSCC)
(REG ADDR 14)
All bits within the PLS Configuration Control register are
cleared upon a hardware or software reset. Bit assign-
ments are as follows:
RES
RES
RES
RES
XMTSEL
PORTSEL [1–0]
ENPLSIO
Bit
Name
Description
Bit 7–4 RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
Bit 3
XMTSEL
Transmit Mode Select. XMTSEL
provides control over the AUI
DO+ and DO– operation while
the MACE device is not transmit-
ting. With XMTSEL = 0, DO+ and
DO will be equal during transmit
idle state, providing zero differ-
ential to operate transformer
coupled loads. The turn off and
return to zero delays are con-
trolled internally. With XMTSEL =
1, DO+ is positive with respect to
DO during the transmit idle state .
Bit 2–1 PORTSEL
Port Select. PORTSEL is used to
[1–0]
select
between
the
AUI,
10BASE-T, DAI or GPSI ports of
the MACE device. PORTSEL is
cleared by hardware or software
reset. PORTSEL will determine
which of the interfaces is used
during
normal
operation,
or
tested when utilizing the loop-
back options (LOOP [1–0]) in the
User Test Register. Note that the
PORTSEL [1–0] programming
will be overridden if the ASEL bit
in the PHY Configuration Control
register is set.
PORTSEL Interface Definition
PORTSEL
Active
[1–0]
Interface
DXCVR Pin
00
AUI
LOW
01
10BASE-T
HIGH
10
DAI Port
HIGH
11
GPSI
LOW
Bit 0
ENPLSIO
Enable PLS I/O. ENPLSIO is
used to enable the optional I/O
functions from the PLS function.
The following pins are affected
by the ENPLSIO bit: RXCRS,
RXDAT,
TXEN,
TXDAT+,
TXDAT–,
CLSN,
STDCLK,
SRDCLK and SRD. Note that if
an external SIA is being utilized
via the GPSI, PORTSEL [1–0] =
11 must be programmed before
ENPLSIO is set, to avoid conten-
tion of clock, data and/or carrier
indicator signals.
PHY Configuration
Control (PHYCC)
(REG ADDR 15)
All bits within the PHY Configuration Control register
with the exception of LNKFL, are cleared by hardware or
software reset. Bit assignments are as follows:
LNKFL DLNKTST REVPOL DAPC
LRT
ASEL
RWAKE
AWAKE
Bit
Name
Description
Bit 7
LNKFL
Link Fail. Reports the link integ-
rity of the 10BASE-T receiver.
When the link test function is en-
abled (DLNKTST = 0), the ab-
sence of link beat pulses on the
RXD
± pair will cause the inte-
grated 10BASE-T transceiver to
go into the link fail state. In the
link fail state, data transmission,
data reception, data loopback
and the collision detection func-
tions are disabled, and remain
disabled until valid data or >5
consecutive link pulses appear
on the RXD
± pair. During link fail,
the LNKFL bit will be set and the
LNKST pin should be externally
pulled HIGH. When the link is
identified
as
functional,
the
LNKFL bit will be cleared and the
LNKST pin is driven LOW, which
is capable of directly driving a
Link OK LED. In order to inter-
operate with systems which do



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com