Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C940 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 7Page - Advanced Micro Devices AM79C940 Datasheet HTML 8Page - Advanced Micro Devices AM79C940 Datasheet HTML 9Page - Advanced Micro Devices AM79C940 Datasheet HTML 10Page - Advanced Micro Devices AM79C940 Datasheet HTML 11Page - Advanced Micro Devices AM79C940 Datasheet HTML 12Page - Advanced Micro Devices AM79C940 Datasheet HTML 13Page - Advanced Micro Devices AM79C940 Datasheet HTML 14Page - Advanced Micro Devices AM79C940 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
AMD
11
Am79C940
PIN/PACKAGE SUMMARY
PLCC Pin #
Pin Name
Pin Function
1
DXCVR
Disable Transceiver
2
EDSEL
Edge Select
3DVSS
Digital Ground
4
TXDAT+
Transmit Data +
5
TXDAT–
Transmit Data –
6DVSS
Digital Ground
7
STDCLK
Serial Transmit Data Clock
8
TXEN
/TXEN
Transmit Enable
9
CLSN
Collision
10
RXDAT
Receive Data
11
RXCRS
Receive Carrier Sense
12
SRDCLK
Serial Receive Data Clock
13
EAM/R
External Address Match/Reject
14
SRD
Serial Receive Data
15
SF/BD
Start Frame/Byte Delimiter
16
RESET
Reset
17
SLEEP
Sleep Mode
18
DVDD
Digital Power
19
INTR
Interrupt
20
TC
Timing Control
21
DBUS0
Data Bus0
22
DVSS
Digital Ground
23
DBUS1
Data Bus1
24
DBUS2
Data Bus2
25
DBUS3
Data Bus3
26
DBUS4
Data Bus4
27
DVSS
Digital Ground
28
DBUS5
Data Bus5
29
DBUS6
Data Bus6
30
DBUS7
Data Bus7
31
DBUS8
Data Bus8
32
DBUS9
Data Bus9
33
DBUS10
Data Bus10
34
DBUS11
Data Bus11
35
DBUS12
Data Bus12
36
DBUS13
Data Bus13
37
DVDD
Digital Power
38
DBUS14
Data Bus14
39
DBUS15
Data Bus15
40
DVSS
Digital Ground
41
EOF
End Of Frame
42
DTV
Data Transfer Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com