Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5470ZHKA Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 28Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 29Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 30Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 31Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 32Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 33Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 34Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 35Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
DSP Subsystem Functional Overview
23
December 2001 − Revised December 2002
SPRS017B
3.4.2.5
DMA controller synchronization events
The internal transfers associated with each DMA channel can be synchronized to one of several events. The
DSYN bit field of the DMSEFCn register selects the synchronization event for a channel. The list of possible
events and the DSYN values are shown in Table 3−9.
Table 3−9. DMA Synchronization Events
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0000b
No synchronization used
0001b
McBSP0 receive event
0010b
McBSP0 transmit event
0011b
Reserved
0100b
Reserved
0101b
McBSP1 receive event
0110b
McBSP1 transmit event
0111b
Reserved
1000b
Reserved
1001b
Reserved
1010b
Reserved
1011b
Reserved
1100b
Reserved
1101b
Timer interrupt event
1110b
External interrupt 0
1111b
Reserved
3.4.2.6
DSP DMA Channel Interrupt Selection
The DMA controller can generate a DSP interrupt for each of the six channels. However, due to a limit on the
number of internal DSP interrupt inputs, channels 0, 1, 2, and 3 are multiplexed with other interrupt sources.
DMA channels 0, 1, 2, and 3 share an interrupt line with the receive and transmit portions of the McBSP. When
the DSP is reset, the interrupts from these three DMA channels are deselected. The INTSEL bit field in the
DMPREC register can be used to select these interrupts, as shown in Table 3−10.
Table 3−10. DMA Channel Interrupt Selection
INTSEL Value
IMR/IFR[6]
IMR/IFR[7]
IMR/IFR[10]
IMR/IFR[11]
00b (reset)
Reserved
Reserved
BRINT1
BXINT1
01b
Reserved
Reserved
DMAC2
DMAC3
10b
DMAC0
DMAC1
DMAC2
DMAC3
11b
Reserved
3.4.3 ARM Port Interface (API)
Information is exchanged between the MCU and the DSP through the on-chip shared API memory. The API
memory is a 8K
× 16-bit word DARAM (dual-access RAM) block. The API memory can also be used by the
DSP as general-purpose data or program DARAM. In this circuit, only the DSP memory has DARAM.
The API has two modes of operation selected by the bank switching control register (BSCR): shared-access
mode (SAM) and host-only mode (HOM). In SAM, both the DSP and the MCU can access the API memory.
In SAM, asynchronous host accesses from the MCU are resynchronized internally. If the DSP and the MCU
try to perform an access at the same time, the MCU has access priority and the DSP waits one cycle. SAM
can be run when the DSP is in IDLE1 mode. In HOM, only the MCU can access the API memory. When HOM
is selected, API memory blocks are disabled for DSP access, no value can be read from nor written to those
memory locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com