| Electronic Components Datasheet Search |
|
TMS320VC5470ZHKA Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5470ZHKA Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 94 page ![]() Introduction 8 December 2001 − Revised December 2002 SPRS017B Table 2−2. Terminal Functions (Continued) TERMINAL NAME DESCRIPTION I/O/Z† MCUEN0 O SPI enable trigger (edge/level, positive/negative) EMU0−EMU1 I/O Test emulation pins 0 and 1, active-low TRST I Test reset input, active-low. A pulldown resistor is suggested to allow both normal device operation and emulation. TCK I Test Clock TDI I Test Data Input TDO O Test Data Output TMS I Test Mode Select REFCLK I Reference input clock RESET I Chip power-on reset, active-low§¶ RESET_OUT O Reset to external peripherals, active-low ADD00/ SDRAM_A00 − ADD12/SDRAM_A12 O MCU address bus bits 0 through 12 for Flash, SRAM, and SDRAM ADD13−ADD17 O MCU address bus bits 13 through 17 for Flash and SRAM ADD18/ SDRAM_BA0 O MCU address bus bit 18 for Flash and SRAM or SDRAM BA0 signal ADD19/ SDRAM_BA1 O MCU address bus bit 19 for Flash and SRAM or SDRAM BA1 signal ADD20/ SDRAM_WE O MCU address bus bit 20 for Flash and SRAM or active-low SDRAM WE signal ADD21/ SDRAM_CAS O MCU address bus bit 21 for Flash and SRAM or active-low SDRAM CAS signal ADD22/ SDRAM_RAS O MCU address bus bit 22 for Flash and SRAM or active-low SDRAM RAS signal CS4/ BIGEND I/O MCU Chip Select 4 (active-high).§ This pin is sampled at the RESET rising edge to determine the endian mode as defined below: 0 = Little Endian 1 = Big Endian For best results, an external pullup or pulldown should be installed to ensure proper sampling. DATA00−DATA31 I/O MCU data bus bits 0 through 31 for Flash, SRAM, and SDRAM BE0/ SDRAM_DQM0 O MCU byte-enable for non-SDRAM cycles, or SDRAM byte-enable (for read) and mask (for write), active-low BE1/ SDRAM_DQM1 O MCU byte-enable for non-SDRAM cycles, or SDRAM byte-enable (for read) and mask (for write), active-low BE2/ SDRAM_DQM2 O MCU byte-enable for non-SDRAM cycles, or SDRAM byte-enable (for read) and mask (for write), active-low BE3/ SDRAM_DQM3 O MCU byte-enable for non-SDRAM cycles, or SDRAM byte-enable (for read) and mask (for write), active-low CS0 O MCU chip select 0, active-low CS1 O MCU chip select 1, active-low CS2 O MCU chip select 2, active-low CS3/ ROMSIZE16 I/O MCU chip select 3, active-low.¶ Input sampled at RESET rising edge to determine the width of the ARM processor during initialization as defined below: 0 = 16 bits 1 = 32 bits For best results, an external pullup or pulldown should be installed to ensure proper sampling. † I = input, O = output, Z = high-impedance ‡ The KBGPIO[15:8] pins include integrated pullup resistors. § The ARM7TDMI core can operate in either little- or big-endian mode. The 5470 configures the ARM7TDMI core’s endianness by sampling this pin at the RESET rising edge. ¶ 5470 only supports MCU boot from a 16-bit or a 32-bit-wide memory implementation on CS0. The 5470 configures the ARM7TDMI starting instruction size, and width of memory connected to CS0, by sampling this pin at the RESET rising edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |