| Electronic Components Datasheet Search |
|
TMS320VC5470ZHKA Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5470ZHKA Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 94 page ![]() Introduction 9 December 2001 − Revised December 2002 SPRS017B Table 2−2. Terminal Functions (Continued) TERMINAL NAME DESCRIPTION I/O/Z† OE O MCU output-enable for peripherals connected to the MCU memory interface (not for SDRAM), active-low WAIT I MCU wait request, active-low. If this signal is unused, it must be pulled high with an external pullup resistor. R/W O Asynchrouous memory active-high read / active-low write signal (not for SDRAM) SDRAM_CLK O SDRAM Clock SDRAM_CS O SDRAM chip-select, active-low BDX0 O/Z McBSP0 transmit serial data BFSX0 I/O/Z McBSP0 transmit frame synchronization BCLKX0 I/O/Z McBSP0 transmit clock BDR0 I McBSP0 receive serial data BCLKR0 I/O/Z McBSP0 receive clock BFSR0 I/O/Z McBSP0 receive frame synchronization BDR1 I McBSP1 receive serial data BFSR1 I/O/Z McBSP1 receive frame synchronization BCLKR1 I/O/Z McBSP1 receive clock BFSX1 I/O/Z McBSP1 transmit frame synchronization BCLKX1 I/O/Z McBSP1 transmit clock BDX1 O/Z McBSP1 transmit data DSP_A00− DSP_A19 O/Z DSP Address bits 0 through 19 DSP_D00−DSP_D15 I/O/Z DSP Data bus bits 0 through 15 DSP_MSTRB O/Z DSP memory strobe signal, active-low DSP_DS O/Z DSP data space select, active-low DSP_INT0 I DSP external interrupt, active-low. If this signal is unused, it should be pulled high with an external pullup resistor. DSP_IOSTRB O/Z DSP I/O strobe signal, active-low DSP_IS O/Z DSP I/O space select, active-low DSP_PS O/Z DSP program space select, active-low DSP_READY I DSP data ready input (tie high if not used), active-high. If this signal is unused, it must be pulled high with an external pullup resistor. DSP_R/W O/Z DSP active-high read / active-low write signal VSS Ground CVDD 1.8-V supply for core logic DVDD 3.3-V supply for I/O cells N/C No Connection † I = input, O = output, Z = high-impedance ‡ The KBGPIO[15:8] pins include integrated pullup resistors. § The ARM7TDMI core can operate in either little- or big-endian mode. The 5470 configures the ARM7TDMI core’s endianness by sampling this pin at the RESET rising edge. ¶ 5470 only supports MCU boot from a 16-bit or a 32-bit-wide memory implementation on CS0. The 5470 configures the ARM7TDMI starting instruction size, and width of memory connected to CS0, by sampling this pin at the RESET rising edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |