Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5470ZHKA Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320VC5470ZHKA
Description  TMS320VC5470 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470ZHKA Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320VC5470ZHKA Datasheet HTML 32Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 33Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 34Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 35Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 36Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 37Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5470ZHKA Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
DSP Subsystem Functional Overview
27
December 2001 − Revised December 2002
SPRS017B
The bits of the interrupt flag register (IFR) and interrupt mask register (IMR) are arranged as shown in
Figure 3−7. The function of each bit is described in Table 3−13.
15
14
13
12
11
10
9
8
Reserved
DMAC5
DMAC4
BXINT1/
DMAC3
BRINT1/
DMAC2
AINT
Reserved
7
65
43
21
0
DMAC1
DMAC0
BXINT0
BRINT0
TINT
Reserved
INT0
Figure 3−7. IFR and IMR Registers
Table 3−13. IFR and IMR Register Bit Fields
BIT
FUNCTION
NUMBER
NAME
FUNCTION
15−14
−
Reserved
13
DMAC5
DMA channel 5 interrupt flag/mask bit
12
DMAC4
DMA channel 4 interrupt flag/mask bit
11
BXINT1/DMAC3
McBSP1 transmit interrupt flag/mask bit
10
BRINT1/DMAC2
McBSP1 receive interrupt flag/mask bit
9
AINT
ARM-to-DSP interrupt flag/mask
8
−
Reserved
7
DMAC1
DMA channel 1 interrupt flag/mask bit
6
DMAC0
DMA channel 0 interrupt flag/mask bit
5
BXINT0
McBSP0 transmit interrupt flag/mask bit
4
BRINT0
McBSP0 receive interrupt flag/mask bit
3
TINT
Timer interrupt flag/mask bit
2−1
−
Reserved
0
INT0
External interrupt 0 flag/mask bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com