Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG484 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # FG484
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG484 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button FG484 Datasheet HTML 26Page - Microsemi Corporation FG484 Datasheet HTML 27Page - Microsemi Corporation FG484 Datasheet HTML 28Page - Microsemi Corporation FG484 Datasheet HTML 29Page - Microsemi Corporation FG484 Datasheet HTML 30Page - Microsemi Corporation FG484 Datasheet HTML 31Page - Microsemi Corporation FG484 Datasheet HTML 32Page - Microsemi Corporation FG484 Datasheet HTML 33Page - Microsemi Corporation FG484 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-14
Revision 13
Table 2-19 • Different Components Contributing to Dynamic Power Consumption in ProASIC3L Devices at
1.5 V VCC
Parameter
Definition
Device Specific Dynamic Power (µW/MHz)
A3PE3000L A3P1000L A3P600L A3P250L
PAC1
Clock contribution of a Global Rib
19.7
14.50
12.80
11.00
PAC2
Clock contribution of a Global Spine
4.16
2.48
1.85
1.58
PAC3
Clock contribution of a VersaTile row
0.88
0.81
PAC4
Clock contribution of a VersaTile used as a sequential
module
0.12
PAC5
First contribution of a VersaTile used as a sequential
module
0.07
PAC6
Second contribution of a VersaTile used as a sequential
module
0.29
PAC7
Contribution of a VersaTile used as a combinatorial
Module
0.29
PAC8
Average contribution of a routing net
0.70
PAC9
Contribution of an I/O input pin (standard-dependent)
See Table 2-12 on page 2-9. through
Table 2-14 on page 2-10.
PAC10
Contribution of an I/O output pin (standard-dependent)
See Table 2-15 on page 2-11 through
Table 2-17 on page 2-12.
PAC11
Average contribution of a RAM block during a read
operation
25.00
PAC12
Average contribution of a RAM block during a write
operation
30.00
PAC13
Dynamic contribution for PLL
2.60
Note: *For a different output load, drive strength, or slew rate, Microsemi recommends using the Microsemi power
spreadsheet calculator or SmartPower tool in Libero SoC.
Table 2-20 • Different Components Contributing to the Static Power Consumption in ProASIC3L Devices
Parameter
Definition
Device Specific Dynamic Power (µW)
A3PE3000L A3P1000L A3P600L A3P250L
PDC1
Array static power in Active mode
See Table 2-11 on page 2-8.
PDC2
Array static power in Static (Idle) mode
See Table 2-9 on page 2-8.
PDC3
Array static power in Flash*Freeze mode
See Table 2-8 on page 2-7.
PDC4
Static PLL contribution at 1.2 V core (operating mode
only)
1.42 mW
Static PLL contribution at 1.5 V core (operating mode
only)
2.55 mW
PDC5
Bank quiescent power (VCCI-dependent)
See Table 2-8 on page 2-7, Table 2-9 on
page 2-8, Table 2-11 on page 2-8.
PDC6
I/O input pin static power (standard-dependent)
See Table 2-12 on page 2-9 through
Table 2-14 on page 2-10.
PDC7
I/O output pin static power (standard-dependent)
See Table 2-15 on page 2-11 through
Table 2-17 on page 2-12.
Note: *For a different output load, drive strength, or slew rate, Microsemi recommends using the Microsemi power
spreadsheet calculator or SmartPower tool in Libero SoC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com