Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG484 Datasheet(PDF) 81 Page - Microsemi Corporation

Part # FG484
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG484 Datasheet(HTML) 81 Page - Microsemi Corporation

Back Button FG484 Datasheet HTML 77Page - Microsemi Corporation FG484 Datasheet HTML 78Page - Microsemi Corporation FG484 Datasheet HTML 79Page - Microsemi Corporation FG484 Datasheet HTML 80Page - Microsemi Corporation FG484 Datasheet HTML 81Page - Microsemi Corporation FG484 Datasheet HTML 82Page - Microsemi Corporation FG484 Datasheet HTML 83Page - Microsemi Corporation FG484 Datasheet HTML 84Page - Microsemi Corporation FG484 Datasheet HTML 85Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-65
1.2 V DC Core Voltage
Table 2-91 • 1.8 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Pro I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.77
8.32 0.05 1.80 2.55
0.50
8.48 6.99 2.50 1.42
10.49
9.00
ns
–1
0.66
7.08 0.04 1.53 2.17
0.43
7.21 5.95 2.13 1.21
8.92
7.66
ns
4 mA
Std.
0.77
6.85 0.05 1.80 2.55
0.50
6.98 5.89 2.93 2.50
8.99
7.90
ns
–1
0.66
5.83 0.04 1.53 2.17
0.43
5.94 5.01 2.49 2.12
7.65
6.72
ns
6 mA
Std.
0.77
5.81 0.05 1.80 2.55
0.50
5.92 5.13 3.21 3.02
7.93
7.15
ns
–1
0.66
4.94 0.04 1.53 2.17
0.43
5.03 4.37 2.73 2.57
6.75
6.08
ns
8 mA
Std.
0.77
5.46 0.05 1.80 2.55
0.50
5.56 4.99 3.28 3.17
7.57
7.00
ns
–1
0.66
4.64 0.04 1.53 2.17
0.43
4.73 4.24 2.79 2.70
6.44
5.95
ns
12 mA
Std.
0.77
5.36 0.05 1.80 2.55
0.50
5.46 4.99 3.37 3.70
7.47
7.01
ns
–1
0.66
4.56 0.04 1.53 2.17
0.43
4.64 4.25 2.86 3.14
6.35
5.96
ns
16 mA
Std.
0.77
5.36 0.05 1.80 2.55
0.50
5.46 4.99 3.37 3.70
7.47
7.01
ns
–1
0.66
4.56 0.04 1.53 2.17
0.43
4.64 4.25 2.86 3.14
6.35
5.96
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-92 • 1.8 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Pro I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.77
3.76 0.05 1.80 2.55
0.50
3.83 3.68 2.50 1.47
5.84
5.70
ns
–1
0.66
3.20 0.04 1.53 2.17
0.43
3.26 3.13 2.13 1.25
4.97
4.85
ns
4 mA
Std.
0.77
3.05 0.05 1.80 2.55
0.50
3.11
2.73 2.92 2.58
5.12
4.75
ns
–1
0.66
2.59 0.04 1.53 2.17
0.43
2.64 2.33 2.49 2.19
4.35
4.04
ns
6 mA
Std.
0.77
2.61 0.05 1.80 2.55
0.50
2.66 2.27 3.21 3.12
4.67
4.28
ns
–1
0.66
2.22 0.04 1.53 2.17
0.43
2.26 1.93 2.73 2.65
3.98
3.64
ns
8 mA
Std.
0.77
2.53 0.05 1.80 2.55
0.50
2.58 2.18 3.27 3.26
4.59
4.19
ns
–1
0.66
2.15 0.04 1.53 2.17
0.43
2.19 1.85 2.78 2.77
3.90
3.57
ns
12 mA
Std.
0.77
2.52 0.05 1.80 2.55
0.50
2.56 2.07 3.36 3.81
4.58
4.08
ns
–1
0.66
2.14 0.04 1.53 2.17
0.43
2.18 1.76 2.86 3.24
3.89
3.47
ns
16 mA
Std.
0.77
2.52 0.05 1.80 2.55
0.50
2.56 2.07 3.36 3.81
4.58
4.08
ns
–1
0.66
2.14 0.04 1.53 2.17
0.43
2.18 1.76 2.86 3.24
3.89
3.47
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com