Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG484 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # FG484
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG484 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button FG484 Datasheet HTML 78Page - Microsemi Corporation FG484 Datasheet HTML 79Page - Microsemi Corporation FG484 Datasheet HTML 80Page - Microsemi Corporation FG484 Datasheet HTML 81Page - Microsemi Corporation FG484 Datasheet HTML 82Page - Microsemi Corporation FG484 Datasheet HTML 83Page - Microsemi Corporation FG484 Datasheet HTML 84Page - Microsemi Corporation FG484 Datasheet HTML 85Page - Microsemi Corporation FG484 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-66
Revision 13
Table 2-93 • 1.8 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.70
7.77
0.05
1.18
0.50
7.92
6.80
2.50
1.44
9.93
8.81
ns
–1
0.60
6.61
0.04
1.00
0.43
6.73
5.78
2.13
1.22
8.45
7.49
ns
4 mA
Std.
0.70
6.38
0.05
1.18
0.50
6.50
5.78
2.91
2.46
8.51
7.79
ns
–1
0.60
5.43
0.04
1.00
0.43
5.53
4.91
2.47
2.09
7.24
6.63
ns
6 mA
Std.
0.70
5.48
0.05
1.18
0.50
5.58
5.11
3.18
2.94
7.59
7.12
ns
–1
0.60
4.66
0.04
1.00
0.43
4.75
4.35
2.71
2.51
6.46
6.06
ns
8 mA
Std.
0.70
5.17
0.05
1.18
0.50
5.26
4.97
3.24
3.07
7.27
6.98
ns
–1
0.60
4.40
0.04
1.00
0.43
4.48
4.23
2.76
2.61
6.19
5.94
ns
12 mA
Std.
0.70
5.06
0.05
1.18
0.50
5.15
5.03
3.34
3.55
7.17
7.04
ns
–1
0.60
4.30
0.04
1.00
0.43
4.38
4.28
2.84
3.02
6.10
5.99
ns
16 mA
Std.
0.70
5.06
0.05
1.18
0.50
5.15
5.03
3.34
3.55
7.17
7.04
ns
–1
0.60
4.30
0.04
1.00
0.43
4.38
4.28
2.84
3.02
6.10
5.99
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-94 • 1.8 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.70
3.60
0.05
1.10
0.50
3.66
3.52
2.49
1.49
5.68
5.53
ns
–1
0.60
3.06
0.04
0.93
0.43
3.12
3.00
2.12
1.27
4.83
4.71
ns
4 mA
Std.
0.70
2.81
0.05
1.10
0.50
2.87
2.64
2.90
2.55
4.88
4.65
ns
–1
0.60
2.39
0.04
0.93
0.43
2.44
2.25
2.47
2.17
4.15
3.96
ns
6 mA
Std.
0.70
2.47
0.05
1.10
0.50
2.51
2.21
3.18
3.04
4.53
4.22
ns
–1
0.60
2.10
0.04
0.93
0.43
2.14
1.88
2.70
2.59
3.85
3.59
ns
8 mA
Std.
0.70
2.40
0.05
1.10
0.50
2.45
2.13
3.24
3.17
4.46
4.14
ns
–1
0.60
2.04
0.04
0.93
0.43
2.08
1.81
2.76
2.70
3.79
3.52
ns
12 mA
Std.
0.70
2.39
0.05
1.10
0.50
2.44
2.04
3.33
3.67
4.45
4.05
ns
–1
0.60
2.04
0.04
0.93
0.43
2.08
1.73
2.83
3.12
3.79
3.45
ns
16 mA
Std.
0.70
2.39
0.05
1.10
0.50
2.44
2.04
3.33
3.67
4.45
4.05
ns
–1
0.60
2.04
0.04
0.93
0.43
2.08
1.73
2.83
3.12
3.79
3.45
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com