Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG484 Datasheet(PDF) 71 Page - Microsemi Corporation

Part # FG484
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG484 Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button FG484 Datasheet HTML 67Page - Microsemi Corporation FG484 Datasheet HTML 68Page - Microsemi Corporation FG484 Datasheet HTML 69Page - Microsemi Corporation FG484 Datasheet HTML 70Page - Microsemi Corporation FG484 Datasheet HTML 71Page - Microsemi Corporation FG484 Datasheet HTML 72Page - Microsemi Corporation FG484 Datasheet HTML 73Page - Microsemi Corporation FG484 Datasheet HTML 74Page - Microsemi Corporation FG484 Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-55
Table 2-71 • 2.5 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.54
5.79
0.04
1.18
0.38
5.90
5.18
2.41
1.98
7.91
7.19
ns
–1
0.46
4.92
0.03
1.00
0.33
5.01
4.40
2.05
1.69
6.73
6.11
ns
6 mA
Std.
0.54
4.84
0.04
1.18
0.38
4.93
4.43
2.74
2.60
6.94
6.44
ns
–1
0.46
4.11
0.03
1.00
0.33
4.19
3.77
2.33
2.21
5.90
5.48
ns
8 mA
Std.
0.54
4.84
0.04
1.18
0.38
4.93
4.43
2.74
2.60
6.94
6.44
ns
–1
0.46
4.11
0.03
1.00
0.33
4.19
3.77
2.33
2.21
5.90
5.48
ns
12 mA
Std.
0.54
4.13
0.04
1.18
0.38
4.21
3.92
2.97
2.99
6.22
5.93
ns
–1
0.46
3.52
0.03
1.00
0.33
3.58
3.33
2.53
2.54
5.29
5.04
ns
16 mA
Std.
0.54
3.91
0.04
1.18
0.38
3.98
3.80
3.02
3.09
5.99
5.81
ns
–1
0.46
3.32
0.03
1.00
0.33
3.39
3.23
2.57
2.63
5.10
4.94
ns
24 mA
Std.
0.54
3.85
0.04
1.18
0.38
3.87
3.85
3.09
3.48
5.88
5.87
ns
–1
0.46
3.28
0.03
1.00
0.33
3.29
3.28
2.63
2.96
5.01
4.99
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-72 • 2.5 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.54
2.97
0.04
1.18
0.38
3.03
2.74
2.41
2.07
5.04
4.75
ns
–1
0.46
2.53
0.03
1.00
0.33
2.58
2.33
2.05
1.76
4.29
4.04
ns
6 mA
Std.
0.54
2.44
0.04
1.18
0.38
2.49
2.12
2.74
2.70
4.50
4.13
ns
–1
0.46
2.08
0.03
1.00
0.33
2.12
1.80
2.33
2.30
3.83
3.51
ns
8 mA
Std.
0.54
2.44
0.04
1.18
0.38
2.49
2.12
2.74
2.70
4.50
4.13
ns
–1
0.46
2.08
0.03
1.00
0.33
2.12
1.80
2.33
2.30
3.83
3.51
ns
12 mA
Std.
0.54
2.17
0.04
1.18
0.38
2.21
1.82
2.97
3.09
4.22
3.83
ns
–1
0.46
1.85
0.03
1.00
0.33
1.88
1.55
2.53
2.63
3.59
3.26
ns
16 mA
Std.
0.54
2.12
0.04
1.18
0.38
2.16
1.76
3.03
3.19
4.17
3.78
ns
–1
0.46
1.81
0.03
1.00
0.33
1.84
1.50
2.57
2.72
3.55
3.21
ns
24 mA
Std.
0.54
2.13
0.04
1.18
0.38
2.17
1.71
3.09
3.60
4.19
3.72
ns
–1
0.46
1.81
0.03
1.00
0.33
1.85
1.45
2.63
3.06
3.56
3.16
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com