Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CWC-L Datasheet(PDF) 15 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-L Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-L Datasheet HTML 11Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 12Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 13Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 14Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 15Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 16Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 17Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 18Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
Rev. F - 15 February, 2001
15
T89C51RD2
6.3. Expanded RAM (XRAM)
The T89C51RD2 provide additional Bytes of random access memory (RAM) space for increased data parameter
handling and high level language usage.
T89C51RD2 devices have expanded RAM in external data space; Maximum size and location are described in Table 4.
The T89C51RD2 has internal data memory that is mapped into four separate segments.
The four segments are:
• 1. The Lower 128 bytes of RAM (addresses 00H to 7FH) are directly and indirectly addressable.
• 2. The Upper 128 bytes of RAM (addresses 80H to FFH) are indirectly addressable only.
• 3. The Special Function Registers, SFRs, (addresses 80H to FFH) are directly addressable only.
• 4. The expanded RAM bytes are indirectly accessed by MOVX instructions, and with the EXTRAM bit
cleared in the AUXR register. (See )
The Lower 128 bytes can be accessed by either direct or indirect addressing. The Upper 128 bytes can be accessed
by indirect addressing only. The Upper 128 bytes occupy the same address space as the SFR. That means they
have the same address, but are physically separate from SFR space.
Figure 4. Internal and External Data Memory Address
When an instruction accesses an internal location above address 7FH, the CPU knows whether the access is to the
upper 128 bytes of data RAM or to SFR space by the addressing mode used in the instruction.
Instructions that use direct addressing access SFR space. For example: MOV 0A0H, # data ,accesses the SFR
at location 0A0H (which is P2).
Instructions that use indirect addressing access the Upper 128 bytes of data RAM. For example: MOV @R0,
# data where R0 contains 0A0H, accesses the data byte at address 0A0H, rather than P2 (whose address is 0A0H).
Table 4. Description of expanded RAM
Port
XRAM size
Address
Start
End
T89C51RD2
1024
00h
3FFh
XRAM
Upper
128 bytes
Internal
Ram
Lower
128 bytes
Internal
Ram
Special
Function
Register
80
80
00
FF or 3FF
FF
00
FF
External
Data
Memory
0000
0100 or 0400
FFFF
indirect accesses
direct accesses
direct or indirect
accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com