Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CWC-L Datasheet(PDF) 51 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-L Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-L Datasheet HTML 47Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 48Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 49Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 50Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 53Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 54Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
51
Rev. F - 15 February, 2001
T89C51RD2
The bootloader and the In Application Programming (IAP) routines are located in the last kilobyte of the FLASH,
leaving 63k bytes available for the application with ISP.
8.4. FLASH registers and memory map
The T89C51RD2 FLASH memory uses several registers for his management:
Flash control register is used to select the Flash memory spaces and launch the Flash programming sequence.
Hardware registers can only be accessed through the parallel programming modes which are handled by the
parallel programmer.
Software registers are in a special page of the FLASH memory which can be accessed through the API or with
the parallel programming modes. This page, called "Extra FLASH Memory", is not in the internal FLASH
program memory addressing space.
8.4.1. FLASH register
FCON (S:D1h)
FLASH control register
Reset Value = xxxx 0000b
Figure 18. FCON register
The Flash programming application note and API source code are available on request.
8.4.2. Hardware register
The only hardware register of the T89C51RD2 is called Hardware Security Byte (HSB). After full FLASH erasure,
the content of this byte is FFh; each bit is active at low level.
76543210
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
Bit Number
Bit Mnemonic
Description
7-4
FPL3:0
Programming Launch command bits
Write 5h followed by Ah to launch the programming.
3
FPS
FLASH Map Program Space
Clear to map the data space during MOVX
Set to map the FLASH space during MOVX (write) or MOVC (read) instructions (Write in the
column latches)
2-1
FMOD1:0
FLASH Mode
Select the addressed space
00: User (0000h-FFFFh)
01: XAF
10: Hardware byte
11: reserved
0
FBUSY
FLASH Busy
Set by hardware when programming is in progress.
Clear by hardware when programming is done.
Can not be cleared by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com