Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494002 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 52Page - Cirrus Logic CS494002 Datasheet HTML 53Page - Cirrus Logic CS494002 Datasheet HTML 54Page - Cirrus Logic CS494002 Datasheet HTML 55Page - Cirrus Logic CS494002 Datasheet HTML 56Page - Cirrus Logic CS494002 Datasheet HTML 57Page - Cirrus Logic CS494002 Datasheet HTML 58Page - Cirrus Logic CS494002 Datasheet HTML 59Page - Cirrus Logic CS494002 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
56
The example shown in this section can be used for
any control read situation. The generic function
‘Read_Byte_*()’ is used in the following example
as
a
generalized
reference
to
either
Read_Byte_MOT()
(Motorola
byte
read)
or
Read_Byte_INT() (Intel byte read). Figure 41
shows a typical read sequence. The protocol
presented in Figure 41 will now be described in
detail.
1) Optionally, FINTREQ going low may be used
as an interrupt to the host to indicate that
DSPAB has an outgoing message. Note that
even with the use of FINTREQ, HOUTRDY
must be checked to ensure that the current byte
is readytobereadbythe hostduringthe read
process. Please note that the state of FINTREQ
is undefined during boot, and it is valid only
once the application code is loaded.
2) The host reads the Host Control Register
(FA[1:0] = 01b) in order to determine the state
of the communication interface.
3) In order to determine whether DSPAB has an
outgoing control byte that is valid, the host
must check the HOUTRDY bit of the Host
Control Register (bit 1, FA[1:0] = 01b). If
HOUTRDY is high, then the Host Message
Register contains a valid message byte for the
host. If HOUTRDY is low, then the DSP has
not placed a new control byte in the Host
Message Register, and the host should poll the
Host Control Register again.
4) Once the host knows that the DSP is ready to
provide a new response byte, the host can
safely read a byte from the Host Message
Register (FA[1:0] = 00b) using the appropriate
communication protocol (Motorola or Intel).
5) If the host expects to read any more response
bytes, the host should once again check the
HOUTRDY bit (return to step 1). Messages
from the application code (post-download) on
the DSP will always be 6 bytes, unless
otherwise stated in the associated Application
Note.
6) After the response has been read the host
should wait at least 100 uS and check
HOUTRDY one final time. If HOUTRDY is
high once again this means that an unsolicited
message has come during the read process and
the host has another message to read (i.e. skip
back to step 4 and read out the new message). It
is the host’s responsibility to insure that any
pending messages are read from the DSP.
F I NT RE Q = 0 ?
( o p t ional)
M O R E BYT ES T O
RE A D ?
F I N ISH ED
R E AD _ B YT E _ * ( H O S T
CO NT RO L R E G I S T E R)
Y
N
R E AD _ B YT E _ * ( H O S T
M E SS AG E R EG I S T E R )
HO U T RD Y = = 1
Y
N
Y
R E AD _ B YT E _ * ( H O S T
CO NT RO L R E G I S T E R)
HO U T RD Y = = 1
W A I T 100 M IC R O S E C
Y
N
Figure 41. Typical Parallel Host Mode Control Read
Sequence Flow Diagram for DSPAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com