| Electronic Components Datasheet Search |
|
CS494002 Datasheet(PDF) 44 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS494002 Datasheet(HTML) 44 Page - Cirrus Logic |
|
44 / 100 page ![]() 44 1) An SPI read transaction is initiated by DSPAB dropping FINTREQ, signaling that it has data to be read. 2) The host responds by driving chip select (FCS) low. 3) This is followed by a 7-bit address and the read/write bit set high for a read. The address for DSPAB defaults to 1000000b. It is necessary to clock this address in prior to any transfer in order for DSPAB to acknowledge the read. In other words a byte of 0x81 should be clocked into the device preceding any read. The 0x81 byte represents the 7-bit address 1000000b, and the least significant bit set to 1 to designate a read. 4) After the falling edge of the serial control clock (FSCCLK) for the read/write bit, the data is ready to be clocked out on the control data out pin (FCDOUT). Data clocked out by the host is valid on the rising edge of FSCCLK. Data transitions occur on the falling edge of FSCCLK. The serial clock should be default low so that eight transitions from low to high to low will occur for each byte. 5) If FINTREQ is still low, another byte should be clocked out of DSPAB. Please see the discussion below for a complete description of FINTREQ behavior. 6) When FINTREQ is released, the chip select line of DSPAB should be taken high to end the read transaction. Understanding the role of FINTREQ is important for successful communication. FINTREQ is guaranteed to remain low (once it has gone low) until the second to last rising edge of FSCCLK of the last byte to be transferred out of DSPAB. If thereis nomoredatatobetransferred, FINTREQ will go high at this point. For SPI this is the rising edge for the second to last bit of the last byte to be transferred. After going high, FINTREQ is guaranteed to stay high until the next rising edge of FSCCLK. This end of transfer condition signals the host to end the read transaction by clocking the last data bit out and raising FCS. If FINTREQ is still low after the second to last rising edge of FSCCLK, the host should continue reading data from the serial control port. It should be noted that all data should be read out of the serial control port during one transaction or a loss of data will occur. In other words, all data should be read out of the chip until FINTREQ signals the last byte by going high as described above. Please see Section 6.1.3 “FINTREQ Behavior: A Special Case” on page 48 for a more detailed description of FINTREQ behavior. FINTREQ (LOW )? FINTRE Q STILL LO W ? FCS HIGH Y N FCS LOW READ DA TA BYTE W RITE ADD RES S BYTE W ITH MODE BIT SET TO 1 FOR READ Y N Figure 32. SPI Read Flow Diagram for DSPAB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |