Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494002 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 53Page - Cirrus Logic CS494002 Datasheet HTML 54Page - Cirrus Logic CS494002 Datasheet HTML 55Page - Cirrus Logic CS494002 Datasheet HTML 56Page - Cirrus Logic CS494002 Datasheet HTML 57Page - Cirrus Logic CS494002 Datasheet HTML 58Page - Cirrus Logic CS494002 Datasheet HTML 59Page - Cirrus Logic CS494002 Datasheet HTML 60Page - Cirrus Logic CS494002 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
57
Failure to do this may cause the DSP’s output
message buffer to overflow, corrupting any
pending outbound messages.
6.3 Parallel Host Communication for DSPC
The parallel host communication modes of DSPC
provide an 8-bit interface to the DSP. An Intel-style
parallel mode and a Motorola-style parallel mode
are supported. The host interface is implemented
using four communication registers within DSPC
as shown in Table 8, “Parallel Input/Output
Registers for DSPC,” on page 58. The HOSTMSG
register is a 32 bit register.
Since there are only
eight data pins, only one byte can be transferred at
a time, but a full 32 bits are transferred in each read
or write to this register.
When the host is downloading code or configuring
the application code in DSPC, control messages
must be written to (and read from) the Host
Message register 32 bits at a time. The HINBSY
pin and the HINBSY bit in the Host Control
register are used during messaging sessions to
determine when DSPC can accept another 32-bit
word of control data. The HINBSY pin and the
HINBSY bit (in the Host Control register) go high
when the host writes 32 bits (4 bytes) to the
HOSTMSG register. The HINBSY pin and
HINBSY bit go low when DSPC reads the 32 bit
data from the register. The INTREQ pin goes low
and the HOUTRDY bit (in the Host Control
register) goes high when DSPC has an message that
must be read by the host.
The HOSTDATA1 and HOSTDATA2 registers
are used strictly for the transfer of audio data to
DSPC. The host cannot read from these two
registers. Support of these registers is DSPC
application code specific, see the appropriate
Application Note for availability.
A detailed description for each parallel host mode
will now be given. The following information will
be provided for the Intel mode and Motorola mode:
•
The pins of DSPC which must be used for prop-
er communication
•
Flow diagram and description for a parallel
byte write
•
Flow diagram and description for a 32-bit word
(4-byte) write
•
Flow diagram and description for a parallel
byte read
•
Flow diagram and description for a 32-bit word
(4-byte) read
The four registers of DSPC’s parallel host mode are
not used identically. The algorithm used for
communicating with each register will be given as
a functional description, building upon the basic
read and write protocols defined in the Motorola
and Intel sections. The following will be covered:
•
Flow diagram and description for a control
write
•
Flow diagram and description for a control read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com