Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494002 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 70Page - Cirrus Logic CS494002 Datasheet HTML 71Page - Cirrus Logic CS494002 Datasheet HTML 72Page - Cirrus Logic CS494002 Datasheet HTML 73Page - Cirrus Logic CS494002 Datasheet HTML 74Page - Cirrus Logic CS494002 Datasheet HTML 75Page - Cirrus Logic CS494002 Datasheet HTML 76Page - Cirrus Logic CS494002 Datasheet HTML 77Page - Cirrus Logic CS494002 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
74
in the Section 10 “Hardware Configuration” on
page 78.
Note:
The software configuration messages
are specific to each application. The application
code user’s guide for each application provides
a list of all pertinent configuration messages.
Writing the KICKSTART message to DSPAB
begins the audio decode process.
8.2 Host Boot Via DSPC
A host controlled boot via DSPC is a sequence
where the host boots DSPAB and DSPC through
DSPC with two separate images (.ULD files).
Figure 53, "Host Boot Via DSPC" on page 75
demonstrates the interaction required by the
microcontroller.
1) A download sequence is started when the host
holds the mode pins appropriately (UHS[2:0]
and FHS[1:0]) and toggles RESET.
2) The
host
must
then
send
the
C_SLAVE_MODE boot message to DSPC.
This causes DSPC to initialize itself.
3) If the initialization was successful DSPC sends
out a C_BOOT_START message. The host
should proceed to step 4. If initialization fails,
the host should re-try steps 1 through 3 and if
failure is met again, the communication timing
and protocol should be inspected.
4) After
receiving
the
C_BOOT_START
message,
the
host
should
write
the
downloadable image for DSPAB(.ULD file) to
DSPC.
5) The host must wait for INTREQ to go low and
read the message from DSPC.
6) After reading out the C_BOOT_SUCCESS
message,
the
host
must
then
send
the
C_SLAVE_MODE message to DSPC once
more. This causes DSPC to initialize itself and
get ready to accept a stream.
7) If the initialization was successful DSPC sends
out a C_BOOT_START message. The host
should proceed to step 8. If initialization fails,
the host should re-try step 6. If failure is met
again, the communication timing and protocol
should be inspected.
8) After
receiving
the
C_BOOT_START
message,
the
host
should
write
the
downloadable image for DSPC.
9) The host must wait for INTREQ to go low and
read the message from DSPC.
10) After reading out the C_BOOT_SUCCESS
message.
The
host
must
send
the
C_SOFT_RESET message which will cause
the application code to reset and allow the
downloaded application to run.
11) If the soft reset was successful, DSPC sends out
a C_APP_START message the host can
proceed to step 8. If DSPC does not send an the
application start message, the host must re-try
the whole procedure again.
12) Next the host can send hardware and software
configuration messages for DSPC.
13) At this point the application code on DSPC is
running and the host needs to configure
DSPAB.
14) The host must read the AB_APP_START
message from DSPAB. If DSPAB does not
send an the application start message the host
must re-try
the whole
procedure again,
beginning at setp 1.
15) The host must send hardware and software
configuration messages for DSPAB.
16) At this point the application code on DSPAB is
running.
Note:
Hardware configuration messages are
used to define the behavior of the DSP’s audio
ports. A more detailed description of the
different hardware configurations can be found
in the Section 10 “Hardware Configuration” on
page 78.
Note:
The software configuration messages
are specific to each application. The application
code user’s guide for each application provides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com