Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494002 Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 77Page - Cirrus Logic CS494002 Datasheet HTML 78Page - Cirrus Logic CS494002 Datasheet HTML 79Page - Cirrus Logic CS494002 Datasheet HTML 80Page - Cirrus Logic CS494002 Datasheet HTML 81Page - Cirrus Logic CS494002 Datasheet HTML 82Page - Cirrus Logic CS494002 Datasheet HTML 83Page - Cirrus Logic CS494002 Datasheet HTML 84Page - Cirrus Logic CS494002 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
81
input FIFO and may result in corrupted data
being heard on the outputs.
Corruption is only an issue when PCM data is
being delivered. When compressed data is
being
delivered,
there
are
sync
words
embedded in the data stream to which the DSP
can lock. Certain application codes that are
capable of processing PCM may now have a
special feature called “PCM Robustness”
which prevents the corruption described above,
but you should still use a FIFO reset to ensure
good data.
11.5 Serial Audio Input
The Serial Audio Input (SAI) provides four stereo
inputs to DSPC. The SAI can be used to post-
process PCM data from a multichannel Super
Audio CD input or DVD Audio/Video input via
high-performance A/Ds. Table 19 shows the
mnemonic, pin name and pin number of the pins
associated with the SAI port on the CS49400.
The SAI has 4 stereo data inputs that are fully
configurable including support for I2S, left-
justified and multichannel formats. The SAI port
operates in slave mode only with LRCLKN and
SCLKN as inputs. Processing on the CDI and DAI
ports must be disabled before the SAI port is
enabled. Either the input D0 or D1 message must
be sent to DSPC to configure and enable the SAI
port.
11.6 Digital Audio Output Port
The Digital Audio Output port (DAO) can transmit
up to 16 channels of PCM data that are fully
configurable into standard audio format. It also has
two IEC60958 pins that provide CMOS level bi
phase encoded outputs. Table 25 shows the signals
associated with the DAO. As with the input ports
the clocks and data are fully configurable via
hardware configuration. All DAO configuration
messages must be sent to DSPC.
Pin Name
Pin Description
144-Pin
Package,
Pin
Number
100-Pin
Package,
Pin
Number
SCLKN
Serial Bit Clock
86
60
LRCLKN
Frame Clock
85
59
SDATAN3
Serial Data In 3
79
55
SDATAN2
Serial Data In 2
80
56
SDATAN1
Serial Data In 1
81
57
SDATAN0
Serial Data In 0
82
58
Table 23. Serial Audio Input Port
D Value
Data Type
Hex Message
0
PCM - I2S 24-bit
0x81000010
0x00000001
0x81000011
0x00011701
0x81000012
0x00004E4F
1
PCM - Left Justified 24-bit
0x81000010
0x00000001
0x81000011
0x00001600
0x81000012
0x00005E4F
Table 24. SAI Data Type Configuration
(Input Parameter D)
Pin Name
Pin Description
144-Pin
Number
100-Pin
Number
MCLK
Master Clock
99
68
SCLK1
Serial Bit Clock for
AUDATA 4-7
98
67
LRCLK1
Frame Clock for
AUDATA 4-7
87
61
AUDATA7,X
MT958B
Serial Data Out 7,
IEC60958 Trans-
mitter
92
64
AUDATA6
Serial Data Out 6
93
65
AUDATA5
Serial Data Out 5
94
66
AUDATA4
Serial Data Out 4
102
71
Table 25. Digital Audio Output Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com