Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS494002 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 63Page - Cirrus Logic CS494002 Datasheet HTML 64Page - Cirrus Logic CS494002 Datasheet HTML 65Page - Cirrus Logic CS494002 Datasheet HTML 66Page - Cirrus Logic CS494002 Datasheet HTML 67Page - Cirrus Logic CS494002 Datasheet HTML 68Page - Cirrus Logic CS494002 Datasheet HTML 69Page - Cirrus Logic CS494002 Datasheet HTML 70Page - Cirrus Logic CS494002 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
67
DSPC.
11) The host indicates the byte has been read by
driving DS high.
12) The host latches out the next byte by driving
DS low.
13) Once the data is valid (after waiting the
appropriate time specified in the timing
specifications), the host can read the least
significant byte (bits 7:0) of the selected
register from the HDAT[7:0] pins of DSPC.
14) The host indicates the byte has been read by
driving DS high.
15) The host should now terminate the read cycle
by driving the CS pin high.
6.3.7 Procedures for Parallel Host Mode
Communication for DSPC
6.3.7.1 Control Write in a Parallel Host Mode
for DSPC
When writing control data to DSPC, the same
protocol is used whether the host is writing a
control message or an entire executable download
image. Messages sent to DSPC should be written
most significant byte first. Likewise, downloads of
the application code should also be performed most
significant byte first.
The example shown in this section can be
generalized to fit any control write situation. The
generic function ‘Read_Byte_*()’ is used in the
following example as a generalized reference to
either Read_Byte_MOT() (read a byte in Motorola
mode) or Read_Byte_INT() (read a byte in Intel
mode), and ‘Write_Byte_*()’ is a generic reference
to Write_Byte_MOT() (write a byte in Motorola
mode) or Write_Byte_INT() (write a byte in Intel
mode).
Similarly,
the
generic
function
‘Read_Word_*()’ is used in the following example
as
a
generalized
reference
to
either
Read_Word_MOT() (read a 32-bit word in
Motorola mode) or Read_Word_INT() (read a 32-
bit word in Intel mode), and ‘Write_Word_*()’ is a
generic reference to Write_Word_MOT() (write a
32-bit
word
in
Motorola
mode)
or
Write_Word_INT() (write a 32-bit word in Intel
mode). Figure 50 shows a typical write sequence.
The protocol presented in Figure 50 will now be
described in detail.
1) When the host is communicating with DSPC,
the host must verify that DSPC is ready to
accept a new 32-bit control word. If DSPC has
not read the previous word from the control
port, it will be unable to receive another word.
2) In order to determine whether DSPC is ready to
accept a new 32-bit control word the host must
read the HINBSY bit of the Host Control
Register (bit 2 in FA[1:0]=01b) using the
selected
communication
mode
(Intel
or
Motorola). If HINBSY is high, then the DSP is
not prepared to accept a new control word, and
the host should poll the Host Control Register
again. If HINBSY is low, then the host may
write a control word (32-bits) into the Host
MORE BYTES
TO WRITE?
READ_BYTE_*(HOST
CONTROL REGISTER)
N
FINISHED
Y
WRITE_WORD_*(HOST
MESSAGE REGISTER)
HINBSY == 1
Y
N
Figure 50. Typical Parallel Host Mode Control
Write Sequence Flow Diagram for DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com