Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 3Page - Dallas Semiconductor DS2152 Datasheet HTML 4Page - Dallas Semiconductor DS2152 Datasheet HTML 5Page - Dallas Semiconductor DS2152 Datasheet HTML 6Page - Dallas Semiconductor DS2152 Datasheet HTML 7Page - Dallas Semiconductor DS2152 Datasheet HTML 8Page - Dallas Semiconductor DS2152 Datasheet HTML 9Page - Dallas Semiconductor DS2152 Datasheet HTML 10Page - Dallas Semiconductor DS2152 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
DS2152
7 of 93
PIN LIST Table 1-1
PIN
SYMBOL
TYPE
DESCRIPTION
1
RCHBLK
O
Receive Channel Block
2
NC
-
No Connect
3
8MCLK
O
8.192 MHz Clock
4
NC
-
No Connect
5
NC
-
No Connect
6
RCL
O
Receive Carrier Loss
7
NC
-
No Connect
8
NC
-
No Connect
9
NC
-
No Connect
10
NC
-
No Connect
11
BTS
I
Bus Type Select
12
LIUC
I
Line Interface Connect
13
8XCLK
O
Eight Times Clock
14
TEST
I
Test
15
NC
-
No Connect
16
RTIP
I
Receive Analog Tip Input
17
RRING
I
Receive Analog Ring Input
18
RVDD
-
Receive Analog Positive Supply
19
RVSS
-
Receive Analog Signal Ground
20
RVSS
-
Receive Analog Signal Ground
21
MCLK
I
Master Clock Input
22
XTALD
O
Quartz Crystal Driver
23
NC
-
No Connect
24
RVSS
-
Receive Analog Signal Ground
25
INT
O
Interrupt
26
NC
-
No Connect
27
NC
-
No Connect
28
NC
-
No Connect
29
TTIP
O
Transmit Analog Tip Output
30
TVSS
-
Transmit Analog Signal Ground
31
TVDD
-
Transmit Analog Positive Supply
32
TRING
O
Transmit Analog Ring Output
33
TCHBLK
O
Transmit Channel Block
34
TLCLK
O
Transmit Link Clock
35
TLINK
I
Transmit Link Data
36
NC
-
No Connect
37
TSYNC
I/O
Transmit Sync
38
TPOSI
I
Transmit Positive Data Input
39
TNEGI
I
Transmit Negative Data Input
40
TCLKI
I
Transmit Clock Input
41
TCLKO
O
Transmit Clock Output
42
TNEGO
O
Transmit Negative Data Output
43
TPOSO
O
Transmit Positive Data Output
44
DVDD
-
Digital Positive Supply
45
DVSS
-
Digital Signal Ground
46
TCLK
I
Transmit Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com