| Electronic Components Datasheet Search |
|
DS2152 Datasheet(PDF) 45 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152 Datasheet(HTML) 45 Page - Dallas Semiconductor |
|
45 / 94 page ![]() DS2152 45 of 93 RDS0M: RECEIVE DS0 MONITOR REGISTER (Address=1F Hex) (MSB) (LSB) B1 B2 B3 B4 B5 B6 B7 B8 SYMBOL POSITION NAME AND DESCRIPTION B1 RDS0M.7 Receive DS0 Channel Bit 1. MSB of the DS0 channel (first bit to be received). B2 RDS0M.6 Receive DS0 Channel Bit 2. B3 RDS0M.5 Receive DS0 Channel Bit 3. B4 RDS0M.4 Receive DS0 Channel Bit 4. B5 RDS0M.3 Receive DS0 Channel Bit 5. B6 RDS0M.2 Receive DS0 Channel Bit 6. B7 RDS0M.1 Receive DS0 Channel Bit 7. B8 RDS0M.0 Receive DS0 Channel Bit 8. LSB of the DS0 channel (last bit to be received). 7.0 SIGNALING OPERATION The DS2152 contains provisions for both processor based (i.e., software based) signaling bit access and for hardware based access. Both the processor based access and the hardware based access can be used simultaneously if necessary. The processor based signaling is covered in Section 7.1 and the hardware based signaling is covered in Section 7.2. 7.1 PROCESSOR BASED SIGNALING The robbed-bit signaling bits embedded in the T1 stream can be extracted from the receive stream and inserted into the transmit stream by the DS2152. There is a set of 12 registers for the receive side (RS1 to RS12) and 12 registers on the transmit side (TS1 to TS12). The signaling registers are detailed below. The CCR1.5 bit is used to control the robbed signaling bits as they appear at RSER. If CCR1.5 is set to 0, then the robbed signaling bits will appear at the RSER pin in their proper position as they are received. If CCR1.5 is set to a 1, then the robbed signaling bit positions will be forced to a 1 at RSER. If hardware based signaling is being used, then CCR1.5 must be set to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |