Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 30Page - Dallas Semiconductor DS2152 Datasheet HTML 31Page - Dallas Semiconductor DS2152 Datasheet HTML 32Page - Dallas Semiconductor DS2152 Datasheet HTML 33Page - Dallas Semiconductor DS2152 Datasheet HTML 34Page - Dallas Semiconductor DS2152 Datasheet HTML 35Page - Dallas Semiconductor DS2152 Datasheet HTML 36Page - Dallas Semiconductor DS2152 Datasheet HTML 37Page - Dallas Semiconductor DS2152 Datasheet HTML 38Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
DS2152
34 of 93
SR1: STATUS REGISTER 1 (Address=20 Hex)
(MSB)
(LSB)
LUP
LDN
LOTC
RSLIP
RBL
RYEL
LRCL
RLOS
SYMBOL
POSITION
NAME AND DESCRIPTION
LUP
SR1.7
Loop Up Code Detected. Set when the loop up code as defined
in the RUPCD register is being received. See Section 12 for
details.
LDN
SR1.6
Loop Down Code Detected. Set when the loop down code as
defined in the RDNCD register is being received. See Section 12
for details.
LOTC
SR1.5
Loss of Transmit Clock. Set when the TCLK pin has not
transitioned for one channel time (or 5.2 us). Will force the
RLOS/LOTC pin high if enabled via CCR1.6. Also will force
transmit side formatter to switch to RCLKO if so enabled via
TCR1.7.
RSLIP
SR1.4
Receive Elastic Store Slip Occurrence. Set when the receive
elastic store has either repeated or deleted a frame.
RBL
SR1.3
Receive Blue Alarm. Set when an unframed all 1s code is
received at RPOSI and RNEGI.
RYEL
SR1.2
Receive Yellow Alarm. Set when a yellow alarm is received at
RPOSI and RNEGI.
LRCL
SR1.1
Line
Interface
Receive
Carrier
Loss.
Set
when
192
consecutive 0s have been detected at RTIP and RRING. See
Table 4-2.
RLOS
SR1.0
Receive Loss of Sync. Set when the device is not synchronized
to the receive T1 stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com