Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 5Page - Dallas Semiconductor DS2152 Datasheet HTML 6Page - Dallas Semiconductor DS2152 Datasheet HTML 7Page - Dallas Semiconductor DS2152 Datasheet HTML 8Page - Dallas Semiconductor DS2152 Datasheet HTML 9Page - Dallas Semiconductor DS2152 Datasheet HTML 10Page - Dallas Semiconductor DS2152 Datasheet HTML 11Page - Dallas Semiconductor DS2152 Datasheet HTML 12Page - Dallas Semiconductor DS2152 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
DS2152
9 of 93
PIN
SYMBOL
TYPE
DESCRIPTION
94
RSIG
O
Receive Signaling Output
95
RSER
O
Receive Serial Data
96
RMSYNC
O
Receive Multiframe Sync
97
RFSYNC
O
Receive Frame Sync
98
RSYNC
I/O
Receive Sync
99
RLOS/LOTC
O
Receive Loss Of Sync / Loss of Transmit Clock
100
RSYSCLK
I
Receive System Clock
NOTE:
Leave all no connect (NC) pins open circuited.
DS2152 PIN DESCRIPTION Table 1-2
TRANSMIT SIDE DIGITAL PINS
Transmit Clock [TCLK]. A 1.544 MHz primary clock. Used to clock data through the transmit side
formatter.
Transmit Serial Data [TSER]. Transmit NRZ serial data. Sampled on the falling edge of TCLK when
the transmit side elastic store is disabled. Sampled on the falling edge of TSYSCLK when the transmit
side elastic store is enabled.
Transmit Channel Clock [TCHCLK]. A 192 kHz clock which pulses high during the LSB of each
channel. Synchronous with TCLK when the transmit side elastic store is disabled. Synchronous with
TSYSCLK when the transmit side elastic store is enabled. Useful for parallel to serial conversion of
channel data.
Transmit Channel Block [TCHBLK]. A user-programmable output that can be forced high or low
during any of the 24 T1 channels. Synchronous with TCLK when the transmit side elastic store is
disabled. Synchronous with TSYSCLK when the transmit side elastic store is enabled. Useful for
blocking clocks to a serial UART or LAPD controller in applications where not all T1 channels are used
such as Fractional T1, 384 kbps (H0), 768 kbps or ISDN-PRI. Also useful for locating individual
channels in drop-and-insert applications, for external per-channel loopback, and for per-channel
conditioning. See Section 9 for details.
Transmit System Clock [TSYSCLK]. 1.544 MHz or 2.048 MHz clock. Only used when the transmit
side elastic store function is enabled. Should be tied low in applications that do not use the transmit side
elastic store. Can be burst at rates up to 8.192 MHz.
Transmit Link Clock [TLCLK]. 4 kHz or 2 kHz (ZBTSI) demand clock for the TLINK input. See
Section 11 for details. Transmit Link Data [TLINK].
Transmit Link Data [TLINK]. If enabled via TCR1.2, this pin will be sampled on the falling edge of
TCLK for data insertion into either the FDL stream (ESF) or the Fs-bit position (D4) or the Z-bit position
(ZBTSI). See Section 11 for details.
Transmit Sync [TSYNC]. A pulse at this pin will establish either frame or multiframe boundaries for the
transmit side. Via TCR2.2, the DS2152 can be programmed to output either a frame or multiframe pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com