Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 13Page - Dallas Semiconductor DS2152 Datasheet HTML 14Page - Dallas Semiconductor DS2152 Datasheet HTML 15Page - Dallas Semiconductor DS2152 Datasheet HTML 16Page - Dallas Semiconductor DS2152 Datasheet HTML 17Page - Dallas Semiconductor DS2152 Datasheet HTML 18Page - Dallas Semiconductor DS2152 Datasheet HTML 19Page - Dallas Semiconductor DS2152 Datasheet HTML 20Page - Dallas Semiconductor DS2152 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
DS2152
17 of 93
NOTES:
1. Test Registers 1 and 2 are used only by the factory; these registers must be cleared (set to all 0s) on
power-up initialization to insure proper operation.
2. Register banks 9xh, Axh, Bxh, Cxh, Dxh, Exh, and Fxh are not accessible.
2.0 PARALLEL PORT
The DS2152 is controlled via either a non-multiplexed (MUX = 0) or a multiplexed (MUX = 1) bus by an
external microcontroller or microprocessor. The DS2152 can operate with either Intel or Motorola bus
timing configurations. If the BTS pin is tied low, Intel timing will be selected; if tied high, Motorola
timing will be selected. All Motorola bus signals are listed in parenthesis (). See the timing diagrams in
the A.C. Electrical Characteristics in Section 16 for more details.
3.0 CONTROL, ID AND TEST REGISTERS
The operation of the DS2152 is configured via a set of eleven control registers. Typically, the control
registers are only accessed when the system is first powered up. Once the DS2152 has been initialized,
the control registers will only need to be accessed when there is a change in the system configuration.
There are two Receive Control Register (RCR1 and RCR2), two Transmit Control Registers (TCR1 and
TCR2), and seven Common Control Registers (CCR1 to CCR7).
Each of the eleven registers are
described in this section.
There is a device IDentification Register (IDR) at address 0Fh. The MSB of this read-only register is
fixed to a 0 indicating that the DS2152 is present. The E1 pin-for-pin compatible version of the DS2152
is the DS2154, which also has an ID register at address 0Fh. The user can read the MSB to determine
which chip is present since in the DS2152 the MSB will be set to a 0 and in the DS2154 it will be set to a
1. The lower 4 bits of the IDR are used to display the die revision of the chip.
IDR: DEVICE IDENTIFICATION REGISTER (Address=0F Hex)
(MSB)
(LSB)
T1E1
0
0
0
ID3
ID2
ID1
ID0
SYMBOL
POSITION
NAME AND DESCRIPTION
T1E1
IDR.7
T1 or E1 Chip Determination Bit.
0=T1 chip
1=E1 chip
ID3
IDR.3
Chip Revision Bit 3. MSB of a decimal code that represents the
chip revision.
ID2
IDR.1
Chip Revision Bit 2.
ID1
IDR.2
Chip Revision Bit 1.
ID0
IDR.0
Chip Revision Bit 0. LSB of a decimal code that represents the
chip revision.
The two Test Registers at addresses 09 and 7D hex are used by the factory in testing the DS2152. On
power-up, the Test Registers should be set to 00 hex in order for the DS2152 to operate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com