Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 12Page - Dallas Semiconductor DS2152 Datasheet HTML 13Page - Dallas Semiconductor DS2152 Datasheet HTML 14Page - Dallas Semiconductor DS2152 Datasheet HTML 15Page - Dallas Semiconductor DS2152 Datasheet HTML 16Page - Dallas Semiconductor DS2152 Datasheet HTML 17Page - Dallas Semiconductor DS2152 Datasheet HTML 18Page - Dallas Semiconductor DS2152 Datasheet HTML 19Page - Dallas Semiconductor DS2152 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
DS2152
16 of 93
ADDRESS
R/W
REGISTER NAME
REGISTER ABBREVIATION
63
R
Receive Signaling 4
RS4
64
R
Receive Signaling 5
RS5
65
R
Receive Signaling 6
RS6
66
R
Receive Signaling 7
RS7
67
R
Receive Signaling 8
RS8
68
R
Receive Signaling 9
RS9
69
R
Receive Signaling 10
RS10
6A
R
Receive Signaling 11
RS11
6B
R
Receive Signaling 12
RS12
6C
R/W
Receive Channel Blocking 1
RCBR1
6D
R/W
Receive Channel Blocking 2
RCBR2
6E
R/W
Receive Channel Blocking 3
RCBR3
6F
R/W
Interrupt Mask 2
IMR2
70
R/W
Transmit Signaling 1
TS1
71
R/W
Transmit Signaling 2
TS2
72
R/W
Transmit Signaling 3
TS3
73
R/W
Transmit Signaling 4
TS4
74
R/W
Transmit Signaling 5
TS5
75
R/W
Transmit Signaling 6
TS6
76
R/W
Transmit Signaling 7
TS7
77
R/W
Transmit Signaling 8
TS8
78
R/W
Transmit Signaling 9
TS9
79
R/W
Transmit Signaling 10
TS10
7A
R/W
Transmit Signaling 11
TS11
7B
R/W
Transmit Signaling 12
TS12
7C
R/W
Line Interface Control
LICR
7D
R/W
Test 1
TEST1 (set to 00h)
7E
R/W
Transmit FDL Register
TFDL
7F
R/W
Interrupt Mask Register 1
IMR1
80
R/W
Receive Channel 1
RC1
81
R/W
Receive Channel 2
RC2
82
R/W
Receive Channel 3
RC3
83
R/W
Receive Channel 4
RC4
84
R/W
Receive Channel 5
RC5
85
R/W
Receive Channel 6
RC6
86
R/W
Receive Channel 7
RC7
87
R/W
Receive Channel 8
RC8
88
R/W
Receive Channel 9
RC9
89
R/W
Receive Channel 10
RC10
8A
R/W
Receive Channel 11
RC11
8B
R/W
Receive Channel 12
RC12
8C
R/W
Receive Channel 13
RC13
8D
R/W
Receive Channel 14
RC14
8E
R/W
Receive Channel 15
RC15
8F
R/W
Receive Channel 16
RC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com