Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2152 Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS2152
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152 Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS2152 Datasheet HTML 25Page - Dallas Semiconductor DS2152 Datasheet HTML 26Page - Dallas Semiconductor DS2152 Datasheet HTML 27Page - Dallas Semiconductor DS2152 Datasheet HTML 28Page - Dallas Semiconductor DS2152 Datasheet HTML 29Page - Dallas Semiconductor DS2152 Datasheet HTML 30Page - Dallas Semiconductor DS2152 Datasheet HTML 31Page - Dallas Semiconductor DS2152 Datasheet HTML 32Page - Dallas Semiconductor DS2152 Datasheet HTML 33Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
DS2152
29 of 93
CCR7: COMMON CONTROL REGISTER 7 (Address=0A Hex)
(MSB)
(LSB)
LIRST
RLB
-
-
-
-
-
-
SYMBOL
POSITION
NAME AND DESCRIPTION
LIRST
CCR7.7
Line Interface reset. Setting this bit from a 0 to a 1 will initiate
an internal reset that affects the clock recovery state machine and
jitter attenuator. Normally this bit is only toggled on power-up.
Must be cleared and set again for a subsequent reset.
RLB
CCR7.6
Remote Loopback.
0 = loopback disabled
1 = loopback enabled
-
CCR7.5
Not Assigned. Should be set to 0 when written to.
-
CCR7.4
Not Assigned. Should be set to 0 when written to.
-
CCR7.3
Not Assigned. Should be set to 0 when written to.
-
CCR7.2
Not Assigned. Should be set to 0 when written to.
-
CCR7.1
Not Assigned. Should be set to 0 when written to.
-
CCR7.0
Not Assigned. Should be set to 0 when written to.
Power-Up Sequence
On power-up, after the supplies are stable, the DS2152 should be configured for operation by writing to
all of the internal registers (this includes setting the Test Registers to 00Hex) since the contents of the
internal registers cannot be predicted on power-up. Finally, after the TSYSCLK and RSYSCLK inputs
are stable, the ESR bit should be toggled from a 0 to a 1 (this step can be skipped if the elastic stores are
disabled).
Remote Loopback
When CCR7.6 is set to a 1, the DS2152 will be forced into Remote LoopBack (RLB). In this loopback,
data input via the RPOSI and RNEGI pins will be transmitted back to the TPOSO and TNEGO pins. Data
will continue to pass through the receive side framer of the DS2152 as it would normally and the data
from the transmit side formatter will be ignored. Please see Figure 1-1 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com