Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 20Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 21Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 22Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 23Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 24Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 25Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 26Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 27Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 12
R e v i sio n 1 2
Power Consumption of Various Internal Resources
Table 2-14 • Different Components Contributing to Dynamic Power Consumption in SmartFusion cSoCs
Parameter
Definition
Power Supply
Device
Units
Name
Domain A2F060 A2F200 A2F500
PAC1
Clock contribution of a Global Rib
VCC
1.5 V
3.39
3.40
5.05
µW/MHz
PAC2
Clock contribution of a Global Spine
VCC
1.5 V
1.14
1.83
2.50
µW/MHz
PAC3
Clock contribution of a VersaTile
row
VCC
1.5 V
1.15
1.15
1.15
µW/MHz
PAC4
Clock contribution of a VersaTile
used as a sequential module
VCC
1.5 V
0.12
0.12
0.12
µW/MHz
PAC5
First contribution of a VersaTile
used as a sequential module
VCC
1.5 V
0.07
0.07
0.07
µW/MHz
PAC6
Second contribution of a VersaTile
used as a sequential module
VCC
1.5 V
0.29
0.29
0.29
µW/MHz
PAC7
Contribution of a VersaTile used as
a combinatorial module
VCC
1.5 V
0.29
0.29
0.29
µW/MHz
PAC8
Average contribution of a routing net
VCC
1.5 V
1.04
0.79
0.79
µW/MHz
PAC9
Contribution of an I/O input pin
(standard dependent)
VCCxxxxIOBx/VCC See Table 2-10 and Table 2-11 on page 2-11
PAC10
Contribution of an I/O output pin
(standard dependent)
VCCxxxxIOBx/VCC See Table 2-12 and Table 2-13 on page 2-11
PAC11
Average contribution of a RAM
block during a read operation
VCC
1.5 V
25.00
µW/MHz
PAC12
Average contribution of a RAM
block during a write operation
VCC
1.5 V
30.00
µW/MHz
PAC13
Dynamic Contribution for PLL
VCC
1.5 V
2.60
µW/MHz
PAC15
Contribution of NVM block during a
read operation (F < 33MHz)
VCC
1.5 V
358.00
µW/MHz
PAC16
1st contribution of NVM block during
a read operation (F > 33MHz)
VCC
1.5 V
12.88
mW
PAC17
2nd contribution of NVM block
during a read operation (F > 33MHz)
VCC
1.5 V
4.80
µW/MHz
PAC18
Main Crystal Oscillator contribution
VCCMAINXTAL
3.3 V
1.98
mW
PAC19a
RC Oscillator contribution
VCCRCOSC
3.3 V
3.30
mW
PAC19b
RC Oscillator contribution
VCC
1.5 V
3.00
mW
PAC20a
Analog
Block
Dynamic
Power
Contribution of the ADC
VCC33ADCx
3.3 V
8.25
mW
PAC20b
Analog
Block
Dynamic
Power
Contribution of the ADC
VCC15ADCx
1.5 V
3.00
mW
PAC21
Low
Power
Crystal
Oscillator
contribution
VCCLPXTAL
3.3 V
33.00
µW
PAC22
MSS Dynamic Power Contribution –
Running Drysthone at 100MHz1
VCC
1.5 V
67.50
mW
PAC23
Temperature Monitor Power
Contribution
See Table 2-94 on
page 2-78
–1.23
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com