Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 20 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 16Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 17Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 18Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 19Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 20Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 21Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 22Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 23Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 8
R ev isio n 1 2
Theta-JA
Junction-to-ambient thermal resistance (
θJA) is determined under standard conditions specified by
JEDEC (JESD-51), but it has little relevance in actual performance of the product. It should be used with
caution but is useful for comparing the thermal performance of one package to another.
A sample calculation showing the maximum power dissipation allowed for the A2F200-FG484 package
under forced convection of 1.0 m/s and 75°C ambient temperature is as follows:
EQ 4
where
EQ 5
The power consumption of a device can be calculated using the Microsemi SoC Products Group power
calculator. The device's power consumption must be lower than the calculated maximum power
dissipation by the package. If the power consumption is higher than the device's maximum allowable
power dissipation, a heat sink can be attached on top of the case, or the airflow inside the system must
be increased.
Theta-JB
Junction-to-board thermal resistance (
θJB) measures the ability of the package to dissipate heat from the
surface of the chip to the PCB. As defined by the JEDEC (JESD-51) standard, the thermal resistance
from junction to board uses an isothermal ring cold plate zone concept. The ring cold plate is simply a
means to generate an isothermal boundary condition at the perimeter. The cold plate is mounted on a
JEDEC standard board with a minimum distance of 5.0 mm away from the package edge.
Theta-JC
Junction-to-case thermal resistance (
θJC) measures the ability of a device to dissipate heat from the
surface of the chip to the top or bottom surface of the package. It is applicable for packages used with
external heat sinks. Constant temperature is applied to the surface in consideration and acts as a
boundary condition. This only applies to situations where all or nearly all of the heat is dissipated through
the surface in consideration.
Calculation for Heat Sink
For example, in a design implemented in an A2F200-FG484 package with 2.5 m/s airflow, the power
consumption value using the power calculator is 3.00 W. The user-dependent Ta and Tj are given as
follows:
From the datasheet:
θJA = 19.00°C/W (taken from Table 2-6 on page 2-7).
TA
= 75.00°C
TJ = 100.00°C
TA = 70.00°C
θJA = 17.00°C/W
θJC = 8.28°C/W
Maximum Power Allowed
TJ(MAX) TA(MAX)
–
θJA
---------------------------------------------
=
Maximum Power Allowed
100.00°C 75.00°C
–
19.00°C/W
----------------------------------------------------
1.3 W
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com