Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 47 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 47 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 43Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 44Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 45Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 46Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 47Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 48Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 49Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 50Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 51Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 35
Timing Characteristics
Table 2-50 • 1.8 V LVCMOS High Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 1.7 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.60
11.06
0.04
1.14
0.39
8.61
11.06
2.61
1.59
10.67
13.12
ns
–1
0.50
9.22
0.03
0.95
0.32
7.17
9.22
2.18
1.33
8.89
10.93
ns
4 mA
Std.
0.60
6.46
0.04
1.14
0.39
5.53
6.46
3.04
2.66
7.59
8.51
ns
–1
0.50
5.38
0.03
0.95
0.32
4.61
5.38
2.54
2.22
6.33
7.10
ns
6 mA
Std.
0.60
4.16
0.04
1.14
0.39
3.99
4.16
3.34
3.18
6.05
6.22
ns
–1
0.50
3.47
0.03
0.95
0.32
3.32
3.47
2.78
2.65
5.04
5.18
ns
8 mA
Std.
0.60
3.69
0.04
1.14
0.39
3.76
3.67
3.40
3.31
5.81
5.73
ns
–1
0.50
3.07
0.03
0.95
0.32
3.13
3.06
2.84
2.76
4.85
4.78
ns
12 mA
Std.
0.60
3.38
0.04
1.14
0.39
3.44
2.86
3.50
3.82
5.50
4.91
ns
–1
0.50
2.81
0.03
0.95
0.32
2.87
2.38
2.92
3.18
4.58
4.10
ns
16 mA
Std.
0.60
3.38
0.04
1.14
0.39
3.44
2.86
3.50
3.82
5.50
4.91
ns
–1
0.50
2.81
0.03
0.95
0.32
2.87
2.38
2.92
3.18
4.58
4.10
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-51 • 1.8 V LVCMOS Low Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 1.7 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.60
14.24
0.04 1.14
0.39
13.47
14.24
2.62 1.54
15.53
16.30
ns
–1
0.50
11.87
0.03 0.95
0.32
11.23
11.87
2.18 1.28
12.94
13.59
ns
4 mA
Std.
0.60
9.74
0.04 1.14
0.39
9.92
9.62
3.05 2.57
11.98
11.68
ns
–1
0.50
8.11
0.03 0.95
0.32
8.26
8.02
2.54 2.14
9.98
9.74
ns
6 mA
Std.
0.60
7.67
0.04 1.14
0.39
7.81
7.24
3.34 3.08
9.87
9.30
ns
–1
0.50
6.39
0.03 0.95
0.32
6.51
6.03
2.79 2.56
8.23
7.75
ns
8 mA
Std.
0.60
7.15
0.04 1.14
0.39
7.29
6.75
3.41 3.21
9.34
8.80
ns
–1
0.50
5.96
0.03 0.95
0.32
6.07
5.62
2.84 2.68
7.79
7.34
ns
12 mA
Std.
0.60
6.76
0.04 1.14
0.39
6.89
6.75
3.50 3.70
8.95
8.81
ns
–1
0.50
5.64
0.03 0.95
0.32
5.74
5.62
2.92 3.08
7.46
7.34
ns
16 mA
Std.
0.60
6.76
0.04 1.14
0.39
6.89
6.75
3.50 3.70
8.95
8.81
ns
–1
0.50
5.64
0.03 0.95
0.32
5.74
5.62
2.92 3.08
7.46
7.34
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com