Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 93 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 93 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 89Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 90Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 91Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 92Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 93Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 94Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 95Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 96Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 97Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 81
Analog Bipolar Prescaler (ABPS)
With the ABPS set to its high range setting (GDEC = 00), a hypothetical input voltage in the range –15.36
V to +15.36 V is scaled and offset by the ABPS input amplifier to match the ADC full range of 0 V to 2.56
V using a nominal gain of –0.08333 V/V. However, due to reliability considerations, the voltage applied to
the ABPS input should never be outside the range of –11.5 V to +14.4 V, restricting the usable ADC input
voltage to 2.238 V to 0.080 V and the corresponding 12-bit output codes to the range of 3581 to 128
(decimal), respectively.
Unless otherwise noted, ABPS performance is specified at 25°C with nominal power supply voltages,
with the output measured using the internal voltage reference with the internal ADC in 12-bit mode and
100 KHz sampling frequency, after trimming and digital compensation; and applies to all ranges.
Input leakage current
–40°C to +100°C
1
µA
Power supply rejection ratio
DC
44
53
dB
ADC power supply operational current
requirements
VCC33ADCx
2.5
mA
VCC15A
2
mA
Table 2-95 • ADC Specifications (continued)
Specification
Test Conditions
Min.
Typ.
Max.
Units
Note:
All 3.3 V supplies are tied together and varied from 3.0 V to 3.6 V. 1.5 V supplies are held constant.
Table 2-96 • ABPS Performance Specifications
Specification
Test Conditions
Min.
Typ.
Max.
Units
Input voltage range (for driving ADC
over its full range)
GDEC[1:0] = 11
±2.56
V
GDEC[1:0] = 10
±5.12
V
GDEC[1:0] = 01
±10.24
V
GDEC[1:0]
=
00
(limited
by
maximum rating)
See note 1
V
Analog gain (from input pad to ADC
input)
GDEC[1:0] = 11
–0.5
V/V
GDEC[1:0] = 10
–0.25
V/V
GDEC[1:0] = 01
–0.125
V/V
GDEC[1:0] = 00
–0.0833
V/V
Gain error
–2.8
–0.4
0.7
%
–40ºC to +100ºC
–2.8
–0.4
0.7
%
Note:
*FS is full-scale error, defined as the difference between the actual value that triggers the transition to full-scale
and the ideal analog full-scale transition value. Full-scale error equals offset error plus gain error. Refer to the
Analog-to-Digital Converter chapter of the SmartFusion Programmable Analog User’s Guide for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com