Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 27 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 27 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 23Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 24Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 25Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 26Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 27Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 28Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 29Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 30Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 31Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 15
Standby Mode
PDYN = PRC-OSC + PLPXTAL-OSC
Time Keeping Mode
PDYN = PLPXTAL-OSC
Global Clock Dynamic Contribution—PCLOCK
SoC Mode
PCLOCK = (PAC1 + NSPINE * PAC2 + NROW * PAC3 + NS-CELL * PAC4) * FCLK
NSPINE is the number of global spines used in the user design—guidelines are provided in the
"Device Architecture" chapter of the SmartFusion FPGA Fabric User's Guide.
NROW is the number of VersaTile rows used in the design—guidelines are provided in the "Device
Architecture" chapter of the SmartFusion FPGA Fabric User's Guide.
FCLK is the global clock signal frequency.
NS-CELL is the number of VersaTiles used as sequential modules in the design.
Standby Mode and Time Keeping Mode
PCLOCK = 0 W
Sequential Cells Dynamic Contribution—PS-CELL
SoC Mode
PS-CELL = NS-CELL * (PAC5 + (
α1 / 2) * PAC6) * FCLK
NS-CELL is the number of VersaTiles used as sequential modules in the design. When a multi-tile
sequential cell is used, it should be accounted for as 1.
α1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 2-17 on page 2-18.
FCLK is the global clock signal frequency.
Standby Mode and Time Keeping Mode
PS-CELL = 0 W
Combinatorial Cells Dynamic Contribution—PC-CELL
SoC Mode
PC-CELL = NC-CELL* (
α1 / 2) * PAC7 * FCLK
NC-CELL is the number of VersaTiles used as combinatorial modules in the design.
α1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 2-17 on page 2-18.
FCLK is the global clock signal frequency.
Standby Mode and Time Keeping Mode
PC-CELL = 0 W
Routing Net Dynamic Contribution—PNET
SoC Mode
PNET = (NS-CELL + NC-CELL) * (
α1 / 2) * PAC8 * FCLK
NS-CELL is the number VersaTiles used as sequential modules in the design.
NC-CELL is the number of VersaTiles used as combinatorial modules in the design.
α1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 2-17 on page 2-18.
FCLK is the frequency of the clock driving the logic including these nets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com