Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 61 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 57Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 58Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 59Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 60Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 61Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 62Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 63Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 64Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 49
Output Register
Timing Characteristics
Figure 2-17 • Output Register Timing Diagram
Preset
Clear
DOUT
CLK
Data_out
Enable
tOSUE
50%
50%
tOSUD tOHD
50%
50%
tOCLKQ
1
0
tOHE
tORECPRE
tOREMPRE
tORECCLR
tOREMCLR
tOWCLR
tOWPRE
tOPRE2Q
tOCLR2Q
tOCKMPWH tOCKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-72 • Output Data Register Propagation Delays
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tOCLKQ
Clock-to-Q of the Output Data Register
0.60
0.72
ns
tOSUD
Data Setup Time for the Output Data Register
0.32
0.38
ns
tOHD
Data Hold Time for the Output Data Register
0.00
0.00
ns
tOSUE
Enable Setup Time for the Output Data Register
0.44
0.53
ns
tOHE
Enable Hold Time for the Output Data Register
0.00
0.00
ns
tOCLR2Q
Asynchronous Clear-to-Q of the Output Data Register
0.82
0.98
ns
tOPRE2Q
Asynchronous Preset-to-Q of the Output Data Register
0.82
0.98
ns
tOREMCLR
Asynchronous Clear Removal Time for the Output Data Register
0.00
0.00
ns
tORECCLR
Asynchronous Clear Recovery Time for the Output Data Register
0.23
0.27
ns
tOREMPRE
Asynchronous Preset Removal Time for the Output Data Register
0.00
0.00
ns
tORECPRE
Asynchronous Preset Recovery Time for the Output Data Register
0.23
0.27
ns
tOWCLR
Asynchronous Clear Minimum Pulse Width for the Output Data Register
0.22
0.22
ns
tOWPRE
Asynchronous Preset Minimum Pulse Width for the Output Data Register
0.22
0.22
ns
tOCKMPWH
Clock Minimum Pulse Width High for the Output Data Register
0.36
0.36
ns
tOCKMPWL
Clock Minimum Pulse Width Low for the Output Data Register
0.32
0.32
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 2-7 on
page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com