Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 90 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 90 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 86Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 87Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 88Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 89Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 90Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 91Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 92Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 93Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 94Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 78
R e v i sio n 1 2
Temperature Monitor
Unless otherwise noted, temperature monitor performance is specified with a 2N3904 diode-connected
bipolar transistor from National Semiconductor or Infineon Technologies, nominal power supply voltages,
with the output measured using the internal voltage reference with the internal ADC in 12-bit mode and
62.5 Ksps. After digital compensation. Unless otherwise noted, the specifications pertain to conditions
where the SmartFusion cSoC and the sensing diode are at the same temperature.
Table 2-94 • Temperature Monitor Performance Specifications
Specification
Test Conditions
Min.
Typical
Max.
Units
Input diode temperature range
–55
150
°C
233.2
378.15
K
Temperature sensitivity
2.5
mV/K
Intercept
Extrapolated to 0K
0
V
Input referred temperature offset
error
At 25°C (298.15K)
±1
1.5
°C
Gain error
Slope of BFSL vs. 2.5 mV/K
±1
2.5
% nom.
Overall accuracy
Peak error from ideal transfer function
±2
±3
°C
Input referred noise
At 25°C (298.15K) – no output averaging
4
°C rms
Output current
Idle mode
100
µA
Final measurement phases
10
µA
Analog settling time
Measured to 0.1% of final value, (with
ADC load)
From TM_STB (High)
5
µs
From ADC_START (High)
5
105
µs
AT parasitic capacitance
500
pF
Power supply rejection ratio
DC (0–10 KHz)
1.2
0.7
°C/V
Input referred temperature
sensitivity error
Variation due to device temperature
(–40°C to +100°C). External temperature
sensor held constant.
0.005
0.008
°C/°C
Temperature monitor (TM)
operational power supply current
requirements (per temperature
monitor instance, not including ADC
or VAREFx)
VCC33A
200
µA
VCC33AP
150
µA
VCC15A
50
µA
Note:
All results are based on averaging over 64 samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com