Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 39Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 40Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 41Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 42Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 43Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 44Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 45Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 46Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 31
Timing Characteristics
Table 2-38 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 3.0 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.60
7.20
0.04
0.97
0.39
7.34
6.18
2.52
2.46
9.39
8.23
ns
–1
0.50
6.00
0.03
0.81
0.32
6.11
5.15
2.10
2.05
7.83
6.86
ns
8 mA
Std.
0.60
4.64
0.04
0.97
0.39
4.73
3.84
2.85
3.02
6.79
5.90
ns
–1
0.50
3.87
0.03
0.81
0.32
3.94
3.20
2.37
2.52
5.65
4.91
ns
12 mA
Std.
0.60
3.37
0.04
0.97
0.39
3.43
2.67
3.07
3.39
5.49
4.73
ns
–1
0.50
2.81
0.03
0.81
0.32
2.86
2.23
2.55
2.82
4.58
3.94
ns
16 mA
Std.
0.60
3.18
0.04
0.97
0.39
3.24
2.43
3.11
3.48
5.30
4.49
ns
–1
0.50
2.65
0.03
0.81
0.32
2.70
2.03
2.59
2.90
4.42
3.74
ns
24 mA
Std.
0.60
2.93
0.04
0.97
0.39
2.99
2.03
3.17
3.83
5.05
4.09
ns
–1
0.50
2.45
0.03
0.81
0.32
2.49
1.69
2.64
3.19
4.21
3.41
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-39 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 3.0 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.60
9.75
0.04
0.97
0.39
9.93
8.22
2.52
2.31
11.99
10.28
ns
–1
0.50
8.12
0.03
0.81
0.32
8.27
6.85
2.10
1.93
9.99
8.57
ns
8 mA
Std.
0.60
6.96
0.04
0.97
0.39
7.09
5.85
2.84
2.87
9.15
7.91
ns
–1
0.50
5.80
0.03
0.81
0.32
5.91
4.88
2.37
2.39
7.62
6.59
ns
12 mA
Std.
0.60
5.35
0.04
0.97
0.39
5.45
4.58
3.06
3.23
7.51
6.64
ns
–1
0.50
4.46
0.03
0.81
0.32
4.54
3.82
2.55
2.69
6.26
5.53
ns
16 mA
Std.
0.60
5.01
0.04
0.97
0.39
5.10
4.30
3.11
3.32
7.16
6.36
ns
–1
0.50
4.17
0.03
0.81
0.32
4.25
3.58
2.59
2.77
5.97
5.30
ns
24 mA
Std.
0.60
4.67
0.04
0.97
0.39
4.75
4.28
3.16
3.66
6.81
6.34
ns
–1
0.50
3.89
0.03
0.81
0.32
3.96
3.57
2.64
3.05
5.68
5.28
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-40 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 3.0 V
Applicable to MSS I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
8 mA
Std.
0.22
2.31
0.09
0.94
1.30
0.22
2.35
1.86
2.20
2.45
ns
–1
0.18
1.92
0.07
0.78
1.09
0.18
1.96
1.55
1.83
2.04
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com