Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 107 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 107 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 103Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 104Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 105Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 106Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 107Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 108Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 109Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 110Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 111Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
3 - 3
SmartFusion Ecosystem
The Microsemi SoC Products Group has a long history of supplying comprehensive FPGA development
tools and recognizes the benefit of partnering with industry leaders to deliver the optimum usability and
productivity to customers. Taking the same approach with processor development, Microsemi has
partnered with key industry leaders in the microcontroller space to provide the robust SmartFusion
ecosystem.
Microsemi is partnering with Keil and IAR to provide Software IDE support to SmartFusion system
designers. The result is a robust solution that can be easily adopted by developers who are already doing
embedded design. The learning path is straightforward for FPGA designers.
Support for the SoC Products Group device and ecosystem resources is represented in Figure 3-3.
Figure 3-3 shows the SmartFusion stack with examples of drivers, RTOS, and middleware from
Microsemi and partners. By leveraging the SmartFusion stack, designers can decide at which level to
add their own customization to their design, thus speeding time to market and reducing overhead in the
design.
ARM
Because an ARM processor was chosen for SmartFusion cSoCs, Microsemi's customers can benefit
from the extensive ARM ecosystem. By building on Microsemi supplied hardware abstraction layer (HAL)
and drivers, third party vendors can easily port RTOS and middleware for the SmartFusion cSoC.
•
ARM Cortex-M Series Processors
•
ARM Cortex-M3 Processor Resource
•
ARM Cortex-M3 Technical Reference Manual
•
ARM Cortex-M3 Processor Software Development for ARM7TDMI Processor Programmers
White Paper
Figure 3-3 •
SmartFusion Ecosystem
Customer Secret Sauce
TCP/IP, HTTP, SMTP, DHCP, LCD
µC/OS-III, RTX, Unison, FreeRTOS
Microsemi CMSIS-based HAL
Application Code
Hardware
Abstraction
Layer
Middleware
OS/RTOS
Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com