Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 113 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 113 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 109Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 110Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 111Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 112Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 113Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 114Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 115Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 116Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 117Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
4 - 9
Re-Programming the eNVM Blocks Using the Cortex-M3
In this mode the Cortex-M3 is executing the eNVM programming algorithm from eSRAM. Since individual
pages (132 bytes) of the eNVM can be write-protected, the programming algorithm software can be
protected from inadvertent erasure. When reprogramming the eNVM, both MSS I/Os and FPGA I/Os are
available as interfaces for sourcing the new eNVM image. The SoC Products Group provides working
example projects for SoftConsole, IAR, and Keil development environments. These can be downloaded
via the SoC Products Group Firmware Catalog.
Alternately, the eNVM can be reprogrammed by the Cortex-M3 via the IAP driver. This is necessary when
using an encrypted image.
Secure Programming
For background, refer to the "Security in Low Power Flash Devices" chapter of the Fusion FPGA Fabric
User’s Guide
on the SoC Products Group website. SmartFusion ISP behaves identically to Fusion ISP.
IAP of SmartFusion cSoCs is accomplished by using the IAP driver. Only the FPGA fabric and the eNVM
can be reprogrammed with the protection of security measures by using the IAP driver.
Typical Programming and Erase Times
Table 4-3 documents the typical programming and erase times for two components of SmartFusion
cSoCs, FPGA fabric and eNVM, using the SoC Products Group’s FlashPro hardware and software.
These times will be different for other ISP and IAP methods. The Program action in FlashPro software
includes erase, program, and verify to complete.
The typical programming (including erase) time per page of the eNVM is 8 ms.
References
User’s Guides
DirectC User’s Guide
http://www.microsemi.com/index.php?option=com_docman&task=doc_download&gid=132588
In-System Programming (ISP) of Microsemi’s Low-Power Flash Devices Using FlashPro4/3/3X
http://www.microsemi.com/index.php?option=com_docman&task=doc_download&gid=129973
Programming Flash Devices HandBook
http://www.microsemi.com/index.php?option=com_docman&task=doc_download&gid=129930
Application Notes on IAP Programming Technique
SmartFusion cSoC: Programming FPGA Fabric and eNVM Using In-Application Programming Interface
App Note
http://www.microsemi.com/index.php?option=com_docman&task=doc_download&gid=129818
SmartFusion cSoC: Basic Bootloader and Field Upgrade eNVM Through IAP Interface App Note
http://www.microsemi.com/index.php?option=com_docman&task=doc_download&gid=129823
Table 4-3 • Typical Programming and Erase Times
FPGA Fabric (seconds)
eNVM (seconds)
FlashROM (seconds)
A2F060
A2F200
A2F500
A2F060
A2F200
A2F500
A2F060
A2F200
A2F500
Erase
21
21
21
N/A
N/A
N/A
21
21
21
Program
28
35
48
18
39
71
22
22
22
Verify
2
6
12918
371
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com