| Electronic Components Datasheet Search |
|
IO12PDB0V0 Datasheet(PDF) 128 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO12PDB0V0 Datasheet(HTML) 128 Page - Microsemi Corporation |
|
128 / 197 page ![]() Pin Descriptions 5- 14 R e v i sio n 1 2 Analog Front-End (AFE) Name Type Description Associated With ADC/SDD SCB ABPS0 In SCB 0 / active bipolar prescaler input 1. See the Active Bipolar Prescaler (ABPS) section in the SmartFusion Programmable Analog User’s Guide . ADC0 SCB0 ABPS1 In SCB 0 / active bipolar prescaler Input 2 ADC0 SCB0 ABPS2 In SCB 1 / active bipolar prescaler Input 1 ADC0 SCB1 ABPS3 In SCB 1 / active bipolar prescaler Input 2 ADC0 SCB1 ABPS4 In SCB 2 / active bipolar prescaler Input 1 ADC1 SCB2 ABPS5 In SCB 2 / active bipolar prescaler Input 2 ADC1 SCB2 ABPS6 In SCB 3 / active bipolar prescaler Input 1 ADC1 SCB3 ABPS7 In SCB 3 / active bipolar prescaler input 2 ADC1 SCB3 ABPS8 In SCB 4 / active bipolar prescaler input 1 ADC2 SCB4 ABPS9 In SCB 4 / active bipolar prescaler input 2 ADC2 SCB4 ADC0 In ADC 0 direct input 0 / FPGA Input. See the "Sigma-Delta Digital-to-Analog Converter (DAC)" section in the SmartFusion Programmable Analog User’s Guide. ADC0 SCB0 ADC1 In ADC 0 direct input 1 / FPGA input ADC0 SCB0 ADC2 In ADC 0 direct input 2 / FPGA input ADC0 SCB1 ADC3 In ADC 0 direct input 3 / FPGA input ADC0 SCB1 ADC4 In ADC 1 direct input 0 / FPGA input ADC1 SCB2 ADC5 In ADC 1 direct input 1 / FPGA input ADC1 SCB2 ADC6 In ADC 1 direct input 2 / FPGA input ADC1 SCB3 ADC7 In ADC 1 direct input 3 / FPGA input ADC1 SCB3 ADC8 In ADC 2 direct input 0 / FPGA input ADC2 SCB4 ADC9 In ADC 2 direct input 1 / FPGA input ADC2 SCB4 ADC10 In ADC 2 direct input 2 / FPGA input ADC2 N/A ADC11 In ADC 2 direct input 3 / FPGA input ADC2 N/A CM0 In SCB 0 / high side of current monitor / comparator Positive input. See the Current Monitor section in the SmartFusion Programmable Analog User’s Guide . ADC0 SCB0 CM1 In SCB 1 / high side of current monitor / comparator. Positive input. ADC0 SCB1 CM2 In SCB 2 / high side of current monitor / comparator. Positive input. ADC1 SCB2 CM3 In SCB 3 / high side of current monitor / comparator. Positive input. ADC1 SCB3 CM4 In SCB 4 / high side of current monitor / comparator. Positive input. ADC2 SCB4 Note: Unused analog inputs should be grounded. This aids in shielding and prevents an undesired coupling path. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |