Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO12PDB0V0 Datasheet(PDF) 195 Page - Microsemi Corporation

Part # IO12PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO12PDB0V0 Datasheet(HTML) 195 Page - Microsemi Corporation

Back Button IO12PDB0V0 Datasheet HTML 189Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 190Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 191Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 192Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 193Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 194Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 195Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 196Page - Microsemi Corporation IO12PDB0V0 Datasheet HTML 197Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 195 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
6 - 13
Revision 0
(continued)
"SmartFusion Development Tools" section was replaced with new content.
3-1
The pin description tables were revised by adding additional pins to reflect the pinout
for A2F500.
5-1
through
5-16
The descriptions for "GNDSDD1" and "VCC33SDD1" were revised.
5-1, 5-2
The description for "VCC33A" was revised.
5-2
The pin tables for the "FG256" and "FG484" were replaced with tables that compare
pin functions across densities for each package.
5-42
Draft B
(December 2009)
The "Digital I/Os" section was renamed to the "I/Os and Operating Voltage" section
and information was added regarding digital and analog VCC.
I
The "SmartFusion cSoC Family Product Table" and "Package I/Os: MSS + FPGA
I/Os" section were revised.
II
The terminology for the analog blocks was changed to "programmable analog,"
consisting of two blocks: the analog front-end and analog compute engine. This is
reflected throughout the text and in the "SmartFusion cSoC Block Diagram".
IV
The "Product Ordering Codes" table was revised to add G as an ordering code for
eNVM size.
VI
Timing tables were populated with information that has become available for speed
grade –1.
N/A
All occurrences of the VMV parameter were removed.
N/A
The SDD[n] voltage parameter was removed from Table 2-2 • Analog Maximum
Ratings.
2-2
Table 36-4 • Flash Programming Limits – Retention, Storage and Operating
Temperature was replaced with Table 2-4 • FPGA and Embedded Flash
Programming, Storage and Operating Limits.
2-4
The "Thermal Characteristics" section was revised extensively.
2-7
Table 2-8 • Power Supplies Configuration was revised significantly.
2-10
Table 2-14 • Different Components Contributing to Dynamic Power Consumption in
SmartFusion cSoCs and Table 2-15 • Different Components Contributing to the Static
Power Consumption in SmartFusion cSoCs were updated.
2-12
Figure 2-2 • Timing Model was updated.
2-19
The temperature associated with the reliability for LVTTL/LVCMOS in Table 2-34 • I/O
Input Rise Time, Fall Time, and Related I/O Reliability was changed from 110º to
100º.
2-29
The values in Table 2-78 • Combinatorial Cell Propagation Delays were updated.
2-57
Table 2-85 • Electrical Characteristics of the Low Power Oscillator is new. Table 2-84 •
Electrical Characteristics of the Main Crystal Oscillator was revised.
2-62
Table 2-90 • eNVM Block Timing, Worst Commercial Case Conditions: TJ = 85°C,
VCC = 1.425 V and Table 2-91 • FlashROM Access Time, Worse Commercial Case
Conditions: TJ = 85°C, VCC = 1.425 V are new.
2-75
The performance tables in the "Programmable Analog Specifications" section were
revised, including new data available. Table 2-98 • Analog Sigma-Delta DAC is new.
2-77
The "256-Pin FBGA" table for A2F200 is new.
4-15
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com