Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86604LPFV Datasheet(PDF) 41 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 41 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 37Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 38Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 39Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 40Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 41Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 42Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 43Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 44Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 45Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
41
MB86604L
(8) A/N/S values in the SCSI interface timing specification
• Transfer period register (address 0Dh) and A/N values
Note: The A and N values set in the register are the assert period and the negate period respectively (unit is clock
cycles)
For the AC characteristics, A/N use numerals.
• Asynchronous setup time register (address 17h) setting and the S value.
Note: The S (setup time) value established in the set up time register during asynchronous data transfers indicates
the time from setting data in the data bus until the REQ/ACK signals are asserted.
For the AC characteristics, S uses numerals.
Transfer period register
AN
Transfer period register
AN
Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
00001
Prohibit
Prohibit
10001
9
8
00010
1
1
10010
9
9
00011
2
1
10011
10
9
00100
2
2
10100
10
10
00101
3
2
10101
11
10
00110
3
3
10110
11
11
00111
4
3
10111
12
11
01000
4
4
11000
12
12
01001
5
4
11001
13
12
01010
5
5
11010
13
13
01011
6
5
11011
14
13
01100
6
6
11100
14
14
01101
7
6
11101
15
14
01110
7
7
11110
15
15
01111
8
7
11111
16
15
10000
8
8
00000
16
16
Asynchronous setup
time register
S
Asynchronous setup
time register
S
Bit 3 Bit 2 Bit 1 Bit 0
Bit 3 Bit 2 Bit 1 Bit 0
0001
1
1001
9
0010
2
1010
10
0011
3
1011
11
0100
4
1100
12
0101
5
1101
13
0110
6
1110
14
0111
7
1111
15
1000
8
0000
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com