Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86604LPFV Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 6Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 7Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 8Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 9Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 10Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 11Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 12Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 13Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
MB86604L
5.
Register
The main registers are listed.
• Command register
Command is specified by an 8-bit code.
Specifies the program head address assigned to the user program memory for user program applications.
• Chip status register
Shows the chip's operating state, nexus counterpart ID, and data register state.
• SCSI bus status register
Shows the SCSI control signal state.
• Interrupt status register
Shows 8-bit code.
• Command step register
Shows 8-bit code indicating the command execution state.
Error analysis can be performed by referring to the information in this register and the interrupt status register.
• Group 6/7 command length setting register
Sets the group 6/7 command length which is undefined by the SCSI standard.
By setting the command length in this register, the SPC can determine the command length.
6.
Receive-MCS Buffer
A receive only, 32-byte data buffer which stores information received via SCSI (message, command, status)
M: Message, C: Command, S: Status
7.
Send-MCS Buffer
A send only, 32-byte data buffer which stores information sent via SCSI (message, command, status)
8.
Command User Program Memory
Program memory used for establishing programmable commands (256 bytes).
9.
Data Register
FIFO-type data register which stores data in SCSI data phase (32 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com