Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86604LPFV Datasheet(PDF) 38 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 38 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 34Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 35Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 36Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 37Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 38Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 39Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 40Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 41Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
38
MB86604L
(b) Output timing (target
→ initiator)
*1: The position number indicates the position in the waveform.
*2: “S” value is based on the asychronous set up time setting register (address 17h).
Note: The output timing definitions are not applied when the data register is EMPTY in the data phase.
Parameter
Symbol
Value
Unit
Base signal
Position*1
Min.
Max.
ACK “L” assert time
REQ “L”
tRQAKL
A0
—
ns
REQ “H” negate time
ACK “L”
tAKRQH
B—
60
ns
ACK “H” negate time
REQ “H”
tRQAKH
C0
—
ns
Time from output data valid to
REQ “L” assert *2
—tDBRQ
D
S • tCLK – 10
—ns
Output data hold time
ACK “L”
thDB
E2 tCLK
—ns
REQ “L” assert time
ACK “H”
tAKRQ1
F—
40
ns
A
Valid data
E
REQ
ACK
F
C
D
B
D
*
Valid data
DB7 to DB0
DBP
!
*+,
34567
?@A
t AKRQ2
t AKRQ1
t RQAKH
t RQAKL
t hDB
t DBRQ
t DBRQ
t AKRQH
*: The ACK “L”
→ REQ “L” time (tAKRQ2) is defined by either longer of (tAKRQH + tRQAKH + tAKRQ1) or (thDB + tDBRQ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com