Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86604LPFV Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 7Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 8Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 9Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 10Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 11Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 12Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 13Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 14Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11
MB86604L
s ABSOLUTE MAXIMUM RATINGS (See WARNING)
* : VSS = 0 V
WARNING: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded.
Functional operation should be restricted to the conditions as detailed in the operational sections of
this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
s RECOMMENDED OPERATING CONDITIONS
*1: VSS = 0 V
*2: SCSI pins are DB7 to DB0, DBP, BSY, SEL, RST, ATN, REQ, ACK, MSG, C/D, I/O
Note: The recommended operating conditions are the values recommended to ensure correct logic operation of
the LSI. The standard values of the electrical characteristics (DC and AC characteristics) are guaranteed
within the range of the recommended operating conditions.
Parameter
Symbol
Rating
Unit
Min.
Max.
Power supply voltage*
VDD
VSS – 0.5
6.0
V
Input voltage*
VI
VSS – 0.5
VDD + 0.5
V
Output voltage*
VO
VSS – 0.5
VDD + 0.5
V
Operating ambient temperature
Top
–25
+85
°C
Storage temperature
Tstg
–40
+125
°C
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Power supply voltage *1
VDD
4.75
5.0
5.25
V
“H” level
input voltage *1
CLK
VIH
3.5
—
—
V
Except SCSI and CLK pins
2.2
—
—
V
SCSI pins
2.0
—
—
V
“L” level
input voltage *1
CLK
VIL
——
1.5
V
Except CLK pin
—
—
0.8
V
“H” level
output current *2
Except SCSI pins
IOH
—
—
–2.0
mA
SCSI pins
Three-state
—
—
–8.0
mA
Open-drain
—
—
—
mA
“L” level
output current *2
Except SCSI pins
IOL
——
+3.2
mA
SCSI pins
—
—
+48
mA
Operating ambient temperature
Ta
0
—
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com