Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86604LPFV Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 10Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 11Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 12Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 13Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 14Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 15Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 16Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 17Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
14
MB86604L
4.
AC Characteristics
(1) System clock
* : The position number indicates the position in the waveform.
Note: In case that the internal clock frequency and the input clock frequency are the same (i.e. when using the
divided-by-one mode), the clock pulse width (for “H” and “L”) must have at least 20 ns or longer.
(2) System reset
Parameter
Symbol
Value
Unit
Position*
Min.
Max.
Clock cycle time (CLK)
tCLK
A
25.0
50.0
ns
Clock “H” pulse width
twCKH
B
10.0
—
ns
Clock “L” pulse width
twCKL
C
10.0
—
ns
Clock rise time
tCR
D
—
10.0
ns
Clock fall time
tCF
E
—
10.0
ns
Parameter
Symbol
Value
Unit
Min.
Max.
RESET “L” level pulse width
twRSL
4 tCLK
—ns
CLK
BA
D
E
C
3.5 V
1.5 V
t wCKH
t CLK
t CR
t wCKL
t CF
t wRSL
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com