Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86604LPFV Datasheet(PDF) 42 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 42 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 38Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 39Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 40Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 41Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 42Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 43Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 44Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 45Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 46Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
42
MB86604L
s LIST OF REGISTERS
1.
BASIC Control Registers (for write)
2.
BASIC Control Registers (for read)
Note: X indicates data is undefined. (0 or 1).
Address
Register name
Bit assignment
Hex. A4 A3 A2 A1 A0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00000 Output data register (first)
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DO0
01
00001 Output data register (second)
DO15 DO14 DO13 DO12 DO11 DO10 DO9
DO8
02
00010 Direct control register
DC7
0
0
DO4
0000
03
00011 (Reserved)
0
0
0
00000
04
00100 SEL/RESEL ID register
SI7
0
0
0
0
SI2
SI1
SI0
05
00101 Command register
CM7
CM6
CM5
CM4
CM3
CM2
CM1
CM0
06
00110 Data block register (MSB)
BL15 BL14 BL13 BL12 BL11 BL10
BL9
BL8
07
00111 Data block register (LSB)
BL7
BL6
BL5
BL4
BL3
BL2
BL1
BL0
08
01000 Data byte register (MSB)
BY23 BY22 BY21 BY20 BY19 BY18 BY17 BY16
09
01001 Data byte register
BY15 BY14 BY13 BY12 BY11 BY10
BY9
BY8
0A
01010
Data byte register (LSB)
BY7
BY6
BY5
BY4
BY3
BY2
BY1
BY0
MC byte register
0B
01011 Diagnostic control register
DG7
DG6
DG5
0
DG3
DG2
DG1
DG0
0C
01100 Transfer mode register
TM7
0
0
00000
0D
01101 Transfer period register
0
0
0
TP4
TP3
TP2
TP1
TP0
0E
01110 Transfer offset register
0
0
0
TO4
TO3
TO2
TO1
TO0
0F
01111 Window address register
WA7
WA6
0
0
WA3
WA2
WA1
WA0
Address
Register name
Bit assignment
Hex. A4 A3 A2 A1 A0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00000 Input data register (first)
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
01
00001 Input data register (second)
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
02
00010 SPC status register
SS7
SS6
SS5
SS4
X
SS2
SS1
SS0
03
00011 Nexus status register
NS7
NS6
NS5
X
X
NS2
NS1
NS0
04
00100 Interrupt status register
IS7
IS6
IS5
IS4
IS3
IS2
IS1
IS0
05
00101 Command step register
CS7
CS6
CS5
CS4
CS3
CS2
CS1
CS0
06
00110 Data block register (MSB)
BL15 BL14 BL13 BL12 BL11 BL10
BL9
BL8
07
00111 Data block register (LSB)
BL7
BL6
BL5
BL4
BL3
BL2
BL1
BL0
08
01000 Data byte register (MSB)
BY23 BY22 BY21 BY20 BY19 BY18 BY17 BY16
09
01001 Data byte register
BY15 BY14 BY13 BY12 BY11 BY10
BY9
BY8
0A
01010
Data byte register (LSB)
BY7
BY6
BY5
BY4
BY3
BY2
BY1
BY0
MC byte register
0B
01011 SCSI control signal status register
SC7
SC6
SC5
SC4
SC3
SC2
SC1
SC0
0C
01100 Transfer mode register
TM7
XXXXXXX
0D
01101 Transfer period register
X
X
X
TP4
TP3
TP2
TP1
TP0
0E
01110 Transfer offset register
X
X
X
TO4
TO3
TO2
TO1
TO0
0F
01111 Modified byte register
X
X
MB5
BM4
MB3
MB2
MB1
MB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com